Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3008NBKV Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX3008NBKV
Description  30 V, 400 mA dual N-channel Trench MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3008NBKV Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX3008NBKV_15 Datasheet HTML 2Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 3Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 4Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 5Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 6Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 7Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 8Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 9Page - NXP Semiconductors NX3008NBKV_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NX3008NBKV
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 1 August 2011
6 of 17
NXP Semiconductors
NX3008NBKV
30 V, 400 mA dual N-channel Trench MOSFET
FR4 PCB, mounting pad for drain 1 cm2
Fig 5.
Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
017aaa065
tp (s)
10−3
102
103
10
1
10−2
10−1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - NX3008NBKV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKV NXP-NX3008NBKV Datasheet
874Kb / 17P
   30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBKV NEXPERIA-NX3008NBKV Datasheet
252Kb / 14P
   30 V, 400 mA dual N-channel Trench MOSFET
28 December 2022
More results

Similar Description - NX3008NBKV_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3008NBKV NEXPERIA-NX3008NBKV Datasheet
252Kb / 14P
   30 V, 400 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
NX3008NBKV NXP-NX3008NBKV Datasheet
874Kb / 17P
   30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBK NEXPERIA-NX3008NBK Datasheet
1Mb / 16P
   30 V, 400 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008NBK PHILIPS-NX3008NBK_15 Datasheet
883Kb / 16P
   30 V, 400 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
NX3008CBKV PHILIPS-NX3008CBKV Datasheet
1Mb / 21P
   30 / 30 V 400 / 220 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKV NEXPERIA-NX3008CBKV Datasheet
310Kb / 20P
   30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
NX3020NAKS PHILIPS-NX3020NAKS Datasheet
287Kb / 15P
   30 V, 180 mA dual N-channel Trench MOSFET
11 November 2013
logo
Nexperia B.V. All right...
NX3020NAKV NEXPERIA-NX3020NAKV Datasheet
709Kb / 14P
   30 V, 200 mA dual N-channel Trench MOSFET
NX3020NAKS NEXPERIA-NX3020NAKS Datasheet
720Kb / 15P
   30 V, 180 mA dual N-channel Trench MOSFET
11 November 2013
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
   30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com