Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ844AEP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJ844AEP
Description  Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ844AEP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJ844AEP_15 Datasheet HTML 1Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ844AEP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SQJ844AEP
www.vishay.com
Vishay Siliconix
S15-1878-Rev. B, 17-Aug-15
5
Document Number: 62832
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 ms, 1 s, 10 s, DC
I
D Limited
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 60 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SQJ844AEP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ844AEP VISHAY-SQJ844AEP_V01 Datasheet
229Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ844AEP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ844EP VISHAY-SQJ844EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 28-Nov-11
SQ4920EY VISHAY-SQ4920EY Datasheet
256Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 13-Aug-12
SQ4282EY VISHAY-SQ4282EY_15 Datasheet
259Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 24-Sep-12
SQJ910AEP VISHAY-SQJ910AEP_15 Datasheet
174Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 26-Aug-13
SQJ910AEP VISHAY-SQJ910AEP_V02 Datasheet
234Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4282EY VISHAY-SQ4282EY Datasheet
260Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 24-Sep-12
SQ4330EY VISHAY-SQ4330EY Datasheet
255Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4936EY VISHAY-SQ4936EY Datasheet
257Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQJ914EP VISHAY-SQJ914EP_V02 Datasheet
277Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4920EY VISHAY-SQ4920EY_V02 Datasheet
212Kb / 8P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com