Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX9691A Datasheet(PDF) 19 Page - Macronix International

Part # MX9691A
Description  SINGLE CHIP SOLID STATE DISK CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX9691A Datasheet(HTML) 19 Page - Macronix International

Back Button MX9691A Datasheet HTML 15Page - Macronix International MX9691A Datasheet HTML 16Page - Macronix International MX9691A Datasheet HTML 17Page - Macronix International MX9691A Datasheet HTML 18Page - Macronix International MX9691A Datasheet HTML 19Page - Macronix International MX9691A Datasheet HTML 20Page - Macronix International MX9691A Datasheet HTML 21Page - Macronix International MX9691A Datasheet HTML 22Page - Macronix International MX9691A Datasheet HTML 23Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
MX9691A
P/N:PM0539
REV. 1.0, OCT. 02, 1998
Port 601Bh :
Bit
Function Description
Auxi_ctl_2 reg.
Default reset value : 00h
7:4
Reserved.
3
R/W: Force the CPU that fetch codes from flash memory array
2
R/W: Force the system that become ICE debugging mode
1
R/W: Host interface RESET polarity
0: Low active
1: High active
0
R/W: Disk interrupt polarity
0: Low active
1: High active
Port 601Ch :
Bit
Function Description
Auxi_ctl_3 reg.
Default reset value : 0000h
15
Reserved
14
R/W : Test mode 2 for timer
0 : Normal mode
1 : Test mode enable
13
R : DRQ
12
R : Time out status
1 : Time out event occurence
11
R/W: Timer enable/disable
0 : Disable
1 : Enable


Similar Part No. - MX9691A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX9691L MCNIX-MX9691L Datasheet
194Kb / 41P
   SINGLE CHIP SOLID STATE DISK CONTROLLER
More results

Similar Description - MX9691A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX9691L MCNIX-MX9691L Datasheet
194Kb / 41P
   SINGLE CHIP SOLID STATE DISK CONTROLLER
logo
Austin Semiconductor
AS3SSD4GB8PBG AUSTIN-AS3SSD4GB8PBG Datasheet
768Kb / 17P
   Solid State Disk On Chip (SSDoC)
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com