Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80111IRAJZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80111IRAJZ
Description  Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80111IRAJZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80111IRAJZ Datasheet HTML 2Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 3Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 4Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 5Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL80111IRAJZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL80111, ISL80112, ISL80113
6
FN7841.2
November 1, 2013
PG Flag Low Voltage
ISINK = 500µA
90
130
mV
PG Flag Leakage Current
PG = VBIAS = 5.5V
11
300
nA
PG Flag Sink Current
7
10
mA
NOTES:
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
11. Dropout is defined by the difference in supply (VIN, VBIAS) and VOUT when the supply produces a 2% drop in VOUT from its nominal value, output
voltage set to 2.5V.
12. For normal operation, VIN must always be less than or equal to the voltage applied to VBIAS. Part is protected against fault conditions where VIN can
be greater than VBIAS.
Electrical Specifications Unless otherwise specified, VIN = VOUT + 0.4V, VBIAS = 2.9V, VOUT = 1.2V, CBIAS = 1µF, CIN = 10µF,
COUT = 2.2µF, TJ = +25°C, IL = 0mA. Applications must follow thermal guidelines of the package to determine worst-case junction temperature. Please
refer to “Power Dissipation” on page 13 and Tech Brief TB379.
Boldface limits apply over junction temperature (TJ) range, -40°C to +125°C. Pulse load techniques used by ATE to ensure TJ = TA where datasheet limits
are defined. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS


Similar Part No. - ISL80111IRAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80111IRAJZ RENESAS-ISL80111IRAJZ Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
More results

Similar Description - ISL80111IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com