Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80102IRAJZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL80102IRAJZ
Description  High Performance 2A and 3A Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IRAJZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL80102IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 10Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 11Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 12Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 13Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ISL80102, ISL80103
10
FN6660.6
June 14, 2013
FIGURE 27. IN-RUSH WITH 22nF SOFT-START CAPACITOR,
COUT = 1000µF
FIGURE 28. IN-RUSH WITH 47nF SOFT-START CAPACITOR,
COUT = 1000µF
FIGURE 29. LOAD TRANSIENT 0A TO 3A, COUT = 10µF CERAMIC
FIGURE 30. LOAD TRANSIENT 0A TO 3A, COUT = 10µF CERAMIC
+ 100µF OSCON
FIGURE 31. LOAD TRANSIENT 1A TO 3A, COUT =10µF CERAMIC
FIGURE 32. LOAD TRANSIENT 1A TO 3A, COUT = 10µF CERAMIC
+ 100µF OSCON
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A. (Continued)
IOUT (2A/DIV)
VOUT (1V/DIV)
TIME (1ms/DIV)
EN (1V/DIV)
IOUT (2A/DIV)
VOUT (1V/DIV)
TIME (1ms/DIV)
EN (1V/DIV)
di/dt = 30A/µs
TIME (200µs/DIV)
VOUT (50mV/DIV)
IOUT (2A/DIV)
di/dt = 30A/µs
TIME (200µs/DIV)
VOUT (50mV/DIV)
IOUT (2A/DIV)
di/dt = 30A/µs
TIME (200µs/DIV)
VOUT (50mV/DIV)
IOUT (2A/DIV)
di/dt = 30A/µs
TIME (200µs/DIV)
VOUT (50mV/DIV)
IOUT (2A/DIV)


Similar Part No. - ISL80102IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
logo
Renesas Technology Corp
ISL80102IRAJZ RENESAS-ISL80102IRAJZ Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IRAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com