Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80102IRAJZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80102IRAJZ
Description  High Performance 2A and 3A Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IRAJZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80102IRAJZ Datasheet HTML 2Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 3Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 4Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 5Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL80102IRAJZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL80102, ISL80103
6
FN6660.6
June 14, 2013
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A.
FIGURE 3.
ΔVOUT vs TEMPERATURE
FIGURE 4. OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 5.
ΔVOUT vs OUTPUT CURRENT
FIGURE 6. GROUND CURRENT vs SUPPLY VOLTAGE
FIGURE 7. GROUND CURRENT vs OUTPUT CURRENT
FIGURE 8. GROUND CURRENT vs OUTPUT VOLTAGE
1.8
1.2
0.6
0
-0.6
-1.2
-1.8
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
024
6
SUPPLY VOLTAGE (V)
13
5
+125°C
+25°C
-40°C
-1.8
-1.2
-0.6
0.0
0.6
1.2
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
0
1
2
3
4
5
6
7
8
9
2
INPUT VOLTAGE (V)
3456
7.5
7.7
7.9
8.1
8.3
8.5
8.7
8.9
9.1
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.8
1.4
2.0
2.6
3.2
3.8
4.4
5.0
OUTPUT VOLTAGE (V)
+125°C
+25°C
-40°C


Similar Part No. - ISL80102IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
logo
Renesas Technology Corp
ISL80102IRAJZ RENESAS-ISL80102IRAJZ Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IRAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com