Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78302AARGCZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL78302AARGCZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302AARGCZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL78302AARGCZ Datasheet HTML 1Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 2Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 3Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 4Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 5Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 6Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 7Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 8Page - Intersil Corporation ISL78302AARGCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL78302A
4
FN7932.1
December 23, 2013
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7.1V
VO1, VO2 Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
ESD Ratings
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 3000V
Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101C) . . . . . . . . . . . . . . 1500V
Thermal Resistance
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 DFN Package (Notes 4, 5). . . . .
59
18.5
Junction Temperature Range . . . . . . . . . . . . . -40°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage (VIN). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and
temperature range of the device as follows: TA = -40°C to 105°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF;
CBYP = 0.01µF; CPOR = 0.01µF. Boldface limits apply over the operating temperature range, -40°C to +105°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6) TYP
MAX
(Note 6)
UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
Quiescent condition: IO1 = 0µA; IO2 = 0µA
IDD1
One LDO active
30
36
µA
IDD2
Both LDO active
47
55
µA
Shutdown Current
IDDS
0.3
2.1
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = -40°C to +125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
300
mA
Internal Current Limit
ILIM
320
475
650
mA
Dropout Voltage (Note 7)
VDO1
IO = 300mA; VO < 2.5V
450
mV
IO = 150mA; VO < 2.5V
225
250
VDO2
IO = 300mA; 2.5V ≤ VO ≤ 2.8V
250
mV
IO = 150mA; 2.5V ≤ VO ≤ 2.8V
125
160
mV
VDO3
IO = 300mA; VO > 2.8V
230
mV
IO = 150mA; VO > 2.8V
115
145
mV
Thermal Shutdown Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection
IO = 10mA, VIN = 2.8V(min), VO = 1.8V, CBYP = 0.1µF
@ 1kHz
90
dB
@ 10kHz
70
dB
@ 100kHz
50
dB


Similar Part No. - ISL78302AARGCZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302AARGCZ RENESAS-ISL78302AARGCZ Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL78302AARGCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com