Electronic Components Datasheet Search |
|
ISL78302ARNBZ Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL78302ARNBZ Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 13 page ISL78302 4 FN7696.6 November 6, 2014 Submit Document Feedback Absolute Maximum Ratings Thermal Information Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7.1V VO1, VO2 Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V ESD Ratings Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 3kV Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . 200V Charge Device Model (Tested Per AEC-Q100-011). . . . . . . . . . . . . . . 2kV Thermal Resistance (Notes 4, 5) JA (°C/W) JC (°C/W) 10 Ld 3x3 DFN Package . . . . . . . . . . . . . . . 59 18.5 Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493 Recommended Operating Conditions Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +105°C Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 5. For JC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range of the device as follows: TA = -40°C to +105°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF; CBYP = 0.01µF; CPOR = 0.01µF. Boldface limits apply across the operating temperature range, -40°C to +105°C. PARAMETER SYMBOL TEST CONDITIONS MIN (Note 7)TYP MAX (Note 7)UNITS DC CHARACTERISTICS Supply Voltage VIN 2.3 6.5 V Ground Current Quiescent condition: IO1 = 0µA; IO2 = 0µA IDD1 One LDO active 30 36 µA IDD2 Both LDO active 47 55 µA Shutdown Current IDDS 0.3 2.1 µA UVLO Threshold VUV+ 1.9 2.1 2.3 V VUV- 1.6 1.8 2.0 V Regulation Voltage Accuracy VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = +25°C -0.8 +0.8 % VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = -40°C to +105°C -1.8 +1.8 % Maximum Output Current IMAX Continuous 300 mA Internal Current Limit ILIM 320 475 650 mA Dropout Voltage (Note 6)VDO IO = 300mA 300 mV IO = 150mA 150 250 mV Thermal Shutdown Temperature TSD+ 145 °C TSD- 110 °C AC CHARACTERISTICS Ripple Rejection IO = 10mA, VIN = 2.8V(min), VO = 1.5V, CBYP = 0.01µF at 1kHz 64 dB at 10kHz 51 dB at 100kHz 38 dB |
Similar Part No. - ISL78302ARNBZ |
|
Similar Description - ISL78302ARNBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |