Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78171ARZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL78171ARZ
Description  6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78171ARZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL78171ARZ Datasheet HTML 5Page - Intersil Corporation ISL78171ARZ Datasheet HTML 6Page - Intersil Corporation ISL78171ARZ Datasheet HTML 7Page - Intersil Corporation ISL78171ARZ Datasheet HTML 8Page - Intersil Corporation ISL78171ARZ Datasheet HTML 9Page - Intersil Corporation ISL78171ARZ Datasheet HTML 10Page - Intersil Corporation ISL78171ARZ Datasheet HTML 11Page - Intersil Corporation ISL78171ARZ Datasheet HTML 12Page - Intersil Corporation ISL78171ARZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ISL78171
9
FN8602.0
June 15, 2015
Submit Document Feedback
FIGURE 9. EFFICIENCY vs LED CURRENT AT LX
FREQUENCY = 1.2MHz AT +105°C vs VIN
FIGURE 10. EFFICIENCY VS INPUT VOLTAGE AT LX
FREQUENCY = 1.2MHz vs VIN
FIGURE 11. CHANNEL-TO-CHANNEL CURRENT MATCHING, 600kHz vs VIN
FIGURE 12. CURRENT LINEARITY vs LOW LEVEL PWM DIMMING
DUTY CYCLE vs VIN
FIGURE 13. NORMALIZED LED CURRENT vs. DIMMING FACTOR,
(MEASURED AT ILED = 20mA)
Typical Performance Curves LED configuration: 6P10S (Continued)
LED CURRENT (A)
50
55
60
65
70
75
80
85
90
95
0
0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20
5V
12V
24V
26.5V
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
VIN (V)
-40°C
+25°C
+105°C
CHANNEL NUMBER
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
01
2
3
4
5
5V
12V
24V
26.5V
5V
12V
24V
26.5V
5V
12V
24V
26.5V
+25°C,
+105°C,
-40°C,
0
0.2
0.4
0.6
0.8
1.0
1.2
01
4
PWM DIMMING DUTY CYCLE (%)
23
56
12 VIN
4.5 VIN
0.00001
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
DIMMING FACTOR
(PWM Reg Value x DC Reg Value) / (255 x 255)


Similar Part No. - ISL78171ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78171ARZ RENESAS-ISL78171ARZ Datasheet
1Mb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL78171ARZ-EVALZ RENESAS-ISL78171ARZ-EVALZ Datasheet
1Mb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
More results

Similar Description - ISL78171ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78171 RENESAS-ISL78171 Datasheet
1Mb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-High Dimming Ratio and Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com