Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100ARZ-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL78100ARZ-TK
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100ARZ-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL78100ARZ-TK Datasheet HTML 3Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 4Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 5Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 6Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 7Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 8Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 9Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 10Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6626.1
December 24, 2013
FIGURE 19. 50% PWM DIMMING AT 100Hz
FIGURE 20. 50% PWM DIMMING AT 10kHz
FIGURE 21. 10% PWM DIMMING AT 1kHz
FIGURE 22. 50% PWM DIMMING AT 1kHz ZOOM-IN
FIGURE 23. TRANSIENT RESPONSE OPERATES FROM
8 TO 7 LEDs
FIGURE 24. TRANSIENT RESPONSE OPERATES FROM
7 TO 8 LEDs
Typical Performance Curves (Continued)
8 LEDs
VIN = 16V
PWM = 100Hz
LX
IL
VOUT
FB
(AC
COUPLED)
8 LEDs
VIN = 16V
PWM = 10kHz
LX
IL
VOUT
FB
(AC
COUPLED)
8 LEDs
VIN = 12V
PWM = 1kHz
LX
IL
VOUT
FB
(AC
COUPLED)
PWM = 1kHz
DUTY CYCLE = 50%
8 LEDs VIN = 16V
LX
IL
VOUT
FB
(AC
COUPLED)
TRANSIENT RESPONSE WHEN LOAD DYNAMICALLY
VIN = 12V
ILED = 350mA
CHANGES FROM 8 LEDs TO 7 LEDs
8 LEDs VO
7 LEDs VO
LX
VOUT
(WITH 25.6V
OFFSET)
TRANSIENT RESPONSE WHEN LOAD DYNAMICALLY
VIN = 12V
ILED = 350mA
CHANGES FROM 7LEDs TO 8LEDs
7 LEDs VO
8 LEDs VO
LX
VOUT
(WITH 25.6V
OFFSET)
ISL78100


Similar Part No. - ISL78100ARZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100ARZ-TK INTERSIL-ISL78100ARZ-TK Datasheet
713Kb / 19P
   High Power LED Driver
logo
Renesas Technology Corp
ISL78100ARZ-TK RENESAS-ISL78100ARZ-TK Datasheet
1Mb / 20P
   High Power LED Driver
More results

Similar Description - ISL78100ARZ-TK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com