Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59424IRZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL59424IRZ-T13
Description  1GHz Triple Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IRZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL59424IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL59424IRZ-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7456.3
September 30, 2011
Figure 18A illustrates the optimum output load for testing AC
performance. Figure 18B illustrates the optimum output load
when connecting to 50
Ω input terminated equipment.
Application Information
General
The ISL59424, ISL59445 are triple 2:1 and 4:1 muxes that
are ideal for the matrix element of high performance
switchers and routers. The ISL59424, ISL59445 are
optimized to drive a 1.5pF in parallel with a 500
Ω load. The
capacitance can be split between the PCB capacitance an
and external load capacitance. Their low input capacitance
and high input resistance provide excellent 50
Ω or 75Ω
terminations.
Ground Connections
For the best isolation and crosstalk rejection, all GND pins
and NIC pins must connect to the GND plane.
Control Signals
S0, S1, ENABLE, LE, HIZ - These pins are binary coded,
TTL/CMOS compatible control inputs. The S0, S1 pins select
which one of the inputs connect to the output. All three
amplifiers are switched simultaneously from their respective
inputs. The ENABLE, LE, HIZ pins are used to disable the part
to save power, latch in the last logic state and three-state the
output amplifiers, respectively. For control signal rise and fall
times less than 10ns the use of termination resistors close to
the part should be considered to minimize transients coupled
to the output.
Power-Up Considerations
The ESD protection circuits use internal diodes from all pins
the V+ and V- supplies. In addition, a dV/dT- triggered clamp
is connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the “Pin
Descriptions” on page 8. The dV/dT triggered clamp
imposes a maximum supply turn-on slew rate of 1V/µs.
Damaging currents can flow for power supply rates-of-rise in
excess of 1V/µs, such as during hot plugging. Under these
conditions, additional methods should be employed to
ensure the rate of rise is not exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 19) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply.
If positive voltages are applied to the logic or analog video
input pins before V+ is applied, current will flow through the
internal ESD diodes to the V+ pin. The presence of large
decoupling capacitors and the loading effect of other circuits
connected to V+, can result in damaging currents through
the ESD diodes and other active circuits within the device.
Therefore, adequate current limiting on the digital and
analog inputs is needed to prevent damage during the time
the voltages on these inputs are more positive than V+.
AC Test Circuits
FIGURE 18A. TEST CIRCUIT WITH OPTIMAL OUTPUT
LOAD
FIGURE 18B. TEST CIRCUIT FOR MEASURING WITH
50Ω OR 75Ω INPUT TERMINATED
EQUIPMENT
FIGURE 18C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL
LESS THAN 500Ω WILL BE DEGRADED.
FIGURE 18. TEST CIRCUITS
ISL59424, ISL59445
CL
50Ω
VIN
500Ω
RL
1.5pF
OR
75Ω
ISL59424, ISL59445
RS
CL
VIN
475Ω
TEST
1.5pF
50Ω
OR
75Ω
50Ω
OR
75Ω
50Ω
OR
75Ω
EQUIPMENT
OR
462.5Ω
ISL59424, ISL59445
RS
CL
VIN
50Ω OR 75Ω
TEST
1.5pF
50Ω
OR
75Ω
50Ω
OR
75Ω
EQUIPMENT
ISL59424, ISL59445


Similar Part No. - ISL59424IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ-T13 RENESAS-ISL59424IRZ-T13 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
More results

Similar Description - ISL59424IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com