Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55210IRTZ-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL55210IRTZ-T7A
Description  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55210IRTZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL55210
5
FN7811.2
June 6, 2013
POWER-DOWN
Referenced to GND
Enable Voltage Threshold
Assured on above 1.55V
1.3
1.55
V
*
Disable Voltage Threshold
Assured off below 0.54V
0.54
0.7
V
*
Power-down Quiescent Current
TA = +25°C
0.2
0.3
0.4
mA
*
TA = -40°C to +85°C
0.15
0.3
0.45
mA
Input Bias Current
PD = 0V, current positive into pin
-2
µA
Input Impedance
2
|| 5MΩ || pF
Turn-on Time Delay
Measured to output on
200
ns
Turn-off Time Delay
Measured to output off
400
ns
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
7. Parameters denoted by an “*” are ATE tested.
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RF = 200Ω, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED
(Note 7)


Similar Part No. - ISL55210IRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Renesas Technology Corp
ISL55210IRTZ-T7A RENESAS-ISL55210IRTZ-T7A Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
More results

Similar Description - ISL55210IRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com