Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55111IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL55111IRZ
Description  Dual, High Speed MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55111IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55111IRZ Datasheet HTML 1Page - Intersil Corporation ISL55111IRZ Datasheet HTML 2Page - Intersil Corporation ISL55111IRZ Datasheet HTML 3Page - Intersil Corporation ISL55111IRZ Datasheet HTML 4Page - Intersil Corporation ISL55111IRZ Datasheet HTML 5Page - Intersil Corporation ISL55111IRZ Datasheet HTML 6Page - Intersil Corporation ISL55111IRZ Datasheet HTML 7Page - Intersil Corporation ISL55111IRZ Datasheet HTML 8Page - Intersil Corporation ISL55111IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL55110, ISL55111
5
FN6228.8
January 29, 2015
Submit Document Feedback
SUPPLY CURRENTS
IDD
Logic Supply Quiescent Current
PD = Low
4.0
6.0
mA
IDD-PDN
Logic Supply Power-down Current
PD = High
12
µA
IH
Driver Supply Quiescent Current
PD = Low, outputs unloaded
15
µA
IH_PDN
Driver Supply Power-down Current
PD = High
2.5
µA
DC Electrical Specifications VH = +12V, VDD = 2.7V to 5.5V, TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS
AC Electrical Specifications VH = +12V, VDD = +3.6V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS
SWITCHING CHARACTERISTICS
tR
Driver Rise Time
Figure 2, OA, OB:
CL = 100pF/1k
10% to 90%, VOH - VOL = 12V
1.2
ns
tF
Driver Fall Time
Figure 2, OA, OB:
CL = 100pF/1k
10% to 90%, VOH - VOL = 12V
1.4
ns
tR
Driver Rise Time
Figure 2, OA, OB: CL = 1nF
10% to 90%, VOH - VOL = 12V
6.2
ns
tF
Driver Fall Time
Figure 2, OA, OB: CL = 1nF
10% to 90%, VOH - VOL = 12V
6.9
ns
tpdR
Input to Output Propagation Delay
Figure 3, load 100pF/1k
10.9
ns
tpdF
Input to Output Propagation Delay
10.7
ns
tpdR
Input to Output Propagation Delay
Figure 3, load 330pF
12.8
ns
tpdF
Input to Output Propagation Delay
12.5
ns
tpdR
Input to Output Propagation Delay
Figure 3, load 680pF
14.5
ns
tpdF
Input to Output Propagation Delay
14.1
ns
tSkewR
Channel-to-Channel tpdR Spread with Same
Loads Both Channels
Figure 3, All loads
<0.5
ns
tSkewF
Channel-to-Channel tpdF Spread with Same
Loads Both Channels
Figure 3, All loads
<0.5
ns
FMAX
Maximum Operating Frequency
70
MHz
TMIN
Minimum Pulse Width
6
ns
PDEN
Power-down to Power-on Time
650
ns
PDDIS
Power-on to Power-down Time
40
ns
tEN
Enable time; ENABLE switched high to low.
40
ns
tDIS
Disable time; ENABLE switched low to high.
40
ns
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.


Similar Part No. - ISL55111IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55111IRZ INTERSIL-ISL55111IRZ Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55111IRZ INTERSIL-ISL55111IRZ Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55111IRZ INTERSIL-ISL55111IRZ Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55111IRZ RENESAS-ISL55111IRZ Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55111IRZ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com