Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55110IVZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55110IVZ
Description  Dual, High Speed MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110IVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55110IVZ Datasheet HTML 1Page - Intersil Corporation ISL55110IVZ Datasheet HTML 2Page - Intersil Corporation ISL55110IVZ Datasheet HTML 3Page - Intersil Corporation ISL55110IVZ Datasheet HTML 4Page - Intersil Corporation ISL55110IVZ Datasheet HTML 5Page - Intersil Corporation ISL55110IVZ Datasheet HTML 6Page - Intersil Corporation ISL55110IVZ Datasheet HTML 7Page - Intersil Corporation ISL55110IVZ Datasheet HTML 8Page - Intersil Corporation ISL55110IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
DATASHEET
Dual, High Speed MOSFET Driver
ISL55110, ISL55111
The ISL55110 and ISL55111 are dual high speed MOSFET
drivers intended for applications requiring accurate pulse
generation and buffering. Target applications include
ultrasound, CCD imaging, piezoelectric distance sensing and
clock generation circuits.
With a wide output voltage range and low ON-resistance, these
devices can drive a variety of resistive and capacitive loads
with fast rise and fall times, allowing high-speed operation
with low skew, as required in large CCD array imaging
applications.
The ISL55110, ISL55111 are compatible with 3.3V and 5V
logic families and incorporate tightly controlled input
thresholds to minimize the effect of input rise time on output
pulse width. The ISL55110 has a pair of in-phase drivers while
the ISL55111 has two drivers operating in anti-phase.
ISL55110 and ISL55111 have a power-down mode for low
power consumption during equipment standby times, making
it ideal for portable products.
The ISL55110 and ISL55111 are available in 16 Ld Exposed
pad QFN packaging and 8 Ld TSSOP. Both devices are
specified for operation over the full -40°C to +85°C
temperature range.
Features
• 5V to 12V pulse amplitude
• High current drive 3.5A
• 6ns minimum pulse width
• 1.5ns rise and fall times, 100pF load
•Low skew
• 3.3V and 5V logic compatible
• In-phase (ISL55110) and anti-phase outputs (ISL55111)
• Small QFN and TSSOP packaging
•Low quiescent current
• Pb-free (RoHS compliant)
Applications
• Ultrasound MOSFET driver
• CCD array horizontal driver
• Clock driver circuits
Related Literature
• AN1283, “ISL55110_11EVAL1Z, ISL55110_11EVAL2Z
Evaluation Board User's Manual”
ISL55110 AND ISL55111 DUAL DRIVER
VH
OA
OB
IN-A
o
o
o
o
o
IN-B
o
o
GND
o
PD
o
VDD
o
ENABLE-QFN*
*ENABLE AVAILABLE IN QFN PACKAGE ONLY
**ISL55111 IN-B IS INVERTING
**
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2006-2008, 2011-2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
January 29, 2015
FN6228.8


Similar Part No. - ISL55110IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110IVZ RENESAS-ISL55110IVZ Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55110IVZ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com