Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55110IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL55110IRZ
Description  Dual, High Speed MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL55110IRZ Datasheet HTML 2Page - Intersil Corporation ISL55110IRZ Datasheet HTML 3Page - Intersil Corporation ISL55110IRZ Datasheet HTML 4Page - Intersil Corporation ISL55110IRZ Datasheet HTML 5Page - Intersil Corporation ISL55110IRZ Datasheet HTML 6Page - Intersil Corporation ISL55110IRZ Datasheet HTML 7Page - Intersil Corporation ISL55110IRZ Datasheet HTML 8Page - Intersil Corporation ISL55110IRZ Datasheet HTML 9Page - Intersil Corporation ISL55110IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL55110, ISL55111
6
FN6228.8
January 29, 2015
Submit Document Feedback
ISL55110
INPUT
INPUT RISE AND
FALL TIMES ≤2ns
CL
4.7µF
0.1µF
OUTPUT
VH = 12V
10%
10%
90%
tf
90%
tr
0.4V
12V
INPUT
+3V
0V
OUTPUT
IN-X
IN
FIGURE 2. TEST CIRCUIT; OUTPUT RISE (tR)/FALL (tF) TIMES
ISL55110
INPUT
INPUT RISE AND
FALL TIMES ≤2ns
CL
4.7µF
0.1µF
OUTPUT
VH = 12V
50%
50%
50%
50%
tpdR
tpdF
0.4V
12V
INPUT
+3V
0V
OUTPUT OA AND OB ISL55110
IN-X
IN
OUTPUT OA ISL55111
50%
50%
12V
0V
OUTPUT OB ISL55111
tSKEWR = |tpdR CHN A - tpdR CHN B|
FIGURE 3. TEST CIRCUIT; PROPAGATION (tPD) DELAY
Typical Performance Curves (See “Typical Performance Curves Discussion” on page 11)
FIGURE 4. DRIVER rON vs VH VOLTAGE (SOURCING CURRENT)
FIGURE 5. DRIVER rON vs VH VOLTAGE (SINKING CURRENT)
7.0
6.3
5.6
4.9
4.2
3.5
2.8
2.1
1.4
0.7
0.0
34567
89
10
11
12
13
VH, DRIVE RAIL (V)
+85°C
-40°C
VDD = 3.6V
IOUT = -50mA
+25°C
7.0
6.3
5.6
4.9
4.2
3.5
2.8
2.1
1.4
0.7
0.0
3456789
10
11
12
13
VH, DRIVE RAIL (V)
+85°C
-40°C
VDD = 3.6V
IOUT = +50mA
+25°C


Similar Part No. - ISL55110IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110IRZ RENESAS-ISL55110IRZ Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55110IRZ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com