Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54405IRTZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL54405IRTZ
Description  CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54405IRTZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL54405IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54405IRTZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL54405
7
Submit Document Feedback
FN6699.2
May 6, 2014
FIGURE 3A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
FIGURE 4. OFF-ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
VDD
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
SEL
R OR L
RL
CL
VOUT
Lx
Rx
VDD
GND
VNX
C
MUTE
ANALYZER
RL
SIGNAL
GENERATOR
VDD
C
0V OR VDD
Lx or Rx
L, R
SEL
GND
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
MUTE
VDD
C
0V OR VDD
Lx or Rx
L, R
SEL
GND
VNX
V1
rON = V1/80mA
80mA
Repeat test for all switches.
MUTE
0V OR VDD
ANALYZER
VDD
C
Lx OR Rx
SIGNAL
GENERATOR
RL
GND
SEL
L, R
NC
L, R
Lx or Rx
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
MUTE
VDD
C
GND
Lx or Rx
L, R
SEL
IMPEDANCE
ANALYZER
0V OR VDD
Repeat test for all switches.
MUTE


Similar Part No. - ISL54405IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54405IRTZ INTERSIL-ISL54405IRTZ Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Renesas Technology Corp
ISL54405IRTZ RENESAS-ISL54405IRTZ Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405IRTZ-T INTERSIL-ISL54405IRTZ-T Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results

Similar Description - ISL54405IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com