Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX29F100TTA-90 Datasheet(PDF) 46 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX29F100TTA-90 Datasheet(HTML) 46 Page - Macronix International

 
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
46
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
REVISION HISTORY
Revision
Description
Page
Date
1.0
1.To remove "Advanced Information" datasheet marking and
P1
DEC/21/1999
contain information on products in full production
2.The modification summary from Revision 0.9.8 to Revision 1.0:
2-1.Program/erase cycle times:10K cycles-->100K cycles
P1,42
2-2.To add data retention 20 years
P1,42
2-3.To remove A9 from the timing waveform of protection/
P37,38
unprotection without 12V
2-4.Multi-sector erase timeout:80ms-->30us
P10
2-5.tBAL:80us-->100us
P22,23
1.1
To modify "Package Information"
P44~45
JUN/14/2001
1.2
Add automative grade
P15,19-23,43 NOV/12/2001


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn