Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX29F100TTA-90 Datasheet(PDF) 42 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F100TTA-90 Datasheet(HTML) 42 Page - Macronix International

Back Button MX29F100TTA-90 Datasheet HTML 38Page - Macronix International MX29F100TTA-90 Datasheet HTML 39Page - Macronix International MX29F100TTA-90 Datasheet HTML 40Page - Macronix International MX29F100TTA-90 Datasheet HTML 41Page - Macronix International MX29F100TTA-90 Datasheet HTML 42Page - Macronix International MX29F100TTA-90 Datasheet HTML 43Page - Macronix International MX29F100TTA-90 Datasheet HTML 44Page - Macronix International MX29F100TTA-90 Datasheet HTML 45Page - Macronix International MX29F100TTA-90 Datasheet HTML 46Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
42
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
MIN.
MAX.
Input Voltage with respect to GND on all pins except I/O pins
-1.0V
13.5V
Input Voltage with respect to GND on all I/O pins
-1.0V
Vcc + 1.0V
Current
-100mA
+100mA
Includes all pins except Vcc. Test conditions: Vcc = 5.0V, one pin at a time.
LIMITS
PARAMETER
MIN.
TYP.(2)
MAX.(3)
UNITS
Sector Erase Time
1
8
sec
Chip Erase Time
3
24
sec
Byte Programming Time
7
210
us
Word Programming Time
12
360
us
Chip Programming Time
3.5
10.5
sec
Erase/Program Cycles
100,000
Cycles
LATCHUP CHARACTERISTICS
ERASE AND PROGRAMMING PERFORMANCE(1)
Note:
1.Not 100% Tested, Excludes external system level over head.
2.Typical values measured at 25°C,5V.
3.Maximum values measured at 25°C,4.5V.
PARAMETER
MIN.
UNIT
Data Retention Time
20
Years
DATA RETENTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn