Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX29F100TTA-90 Datasheet(PDF) 24 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX29F100TTA-90 Datasheet(HTML) 24 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
24
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
SWITCHING TEST CIRCUITS
SWITCHING TEST WAVEFORMS(I) for 29F100T/B-70, 29F100T/B-90, 29F100T/B-12
2.0V
2.4 V
0.45 V
0.8V
TEST POINTS
INPUT
2.0V
0.8V
OUTPUT
AC TESTING: Inputs are driven at 2.4V for a logic "1" and 0.45V for a logic "0".
Input pulse rise and fall times are < 10ns.
SWITCHING TEST WAVEFORMS(II) for 29F100T/B-55
3.0 V
0 V
1.5V
TEST POINTS
INPUT
1.5V
OUTPUT
AC TESTING: Inputs are driven at 3.0V for a logic "1" and 0V for a logic "0".
Input pulse rise and fall times are < 5ns.
DEVICE UNDER
TEST
DIODES=IN3064
OR EQUIVALENT
CL
1.2K ohm
1.6K ohm
+5V
CL=100pF Including jig capacitance for 29F100T/B-70, 29F100T/B-90, 29F100T/B-12
30pF Including jig capacitance for 29F100T/B-55


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn