Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX29F100TTA-90 Datasheet(PDF) 22 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX29F100TTA-90 Datasheet(HTML) 22 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
22
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
AC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V ± 10%(VCC = 5V ± 5% for 29F100T/B-55)
29F100T/B-70
29F100T/B-90
29F100T/B-12
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
tOES
OE setup time
0
0
0
ns
tCWC
Command programming cycle
70
90
120
ns
tCEP
WE programming pulse width
45
45
50
ns
tCEPH1
WE programming pluse width High
20
20
20
ns
tCEPH2
WE programming pluse width High
20
20
20
ns
tAS
Address setup time
0
0
0
ns
tAH
Address hold time
45
45
50
ns
tDS
Data setup time
30
45
50
ns
tDH
Data hold time
0
0
0
ns
tCESC
CE setup time before command write
0
0
0
ns
tDF
Output disable time (Note 1)
30
40
40
ns
tAETC
Total erase time in auto chip erase
3(TYP.)
24
3(TYP.)
24
3(TYP.)
24
s
tAETB
Total erase time in auto sector erase
1(TYP.)
8
1(TYP.)
8
1(TYP.)
8
s
tAVT
Total programming time in auto verify
7/12(TYP.)210/360
7/12(TYP.) 210/360
7/12(TYP.)210/360 us
tBAL
Sector address load time
100
100
100
us
tCH
CE Hold Time
0
0
0
ns
tCS
CE setup to WE going low
0
0
0
ns
tVLHT
Voltge Transition Time
4
4
4
us
tOESP
OE Setup Time to WE Active
4
4
4
us
tWPP1
Write pulse width for sector protect
10
10
10
us
tWPP2
Write pulse width for sector unprotect
12
12
12
ms
NOTES:
1. tDF defined as the time at which the output achieves the open circuit condition and data is no longer driven.
2. Automotive grade is only provided for MX29F100T/B-90 & MX29F100T/B-12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn