Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX29F100TTA-90 Datasheet(PDF) 21 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX29F100TTA-90 Datasheet(HTML) 21 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
READ TIMING WAVEFORMS
DC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V ± 10%(VCC = 5V ± 5% for 29F100T/B-55)
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
CONDITIONS
ICC1 (Read)
Operating VCC Current
40
mA
IOUT=0mA, f=5MHz
ICC2
50
mA
IOUT=0mA, F=10MHz
ICC3 (Program)
50
mA
In Programming
ICC4 (Erase)
50
mA
In Erase
ICCES
VCC Erase Suspend Current
2
mA
CE=VIH, Erase Suspended
COMMAND PROGRAMMING/DATA PROGRAMMING/ERASE OPERATION
NOTES:
1. VIL min. = -0.6V for pulse width is equal to or less than 20ns.
2. If VIH is over the specified maximum value, programming operation cannot be guranteed.
3. ICCES is specified with the device de-selected. If the device is read during erase suspend mode, current draw is the sum of
ICCES and ICC1 or ICC2.
4. All current are in RMS unless otherwise noted.
A0~15
CE
OE
tACC
WE
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
HIGH Z
HIGH Z
DATA Valid
tOE
tDF
tCE
DATA
Q0~7
tOH
ADD Valid


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn