Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX29F100TTA-90 Datasheet(PDF) 20 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F100TTA-90 Datasheet(HTML) 20 Page - Macronix International

Back Button MX29F100TTA-90 Datasheet HTML 16Page - Macronix International MX29F100TTA-90 Datasheet HTML 17Page - Macronix International MX29F100TTA-90 Datasheet HTML 18Page - Macronix International MX29F100TTA-90 Datasheet HTML 19Page - Macronix International MX29F100TTA-90 Datasheet HTML 20Page - Macronix International MX29F100TTA-90 Datasheet HTML 21Page - Macronix International MX29F100TTA-90 Datasheet HTML 22Page - Macronix International MX29F100TTA-90 Datasheet HTML 23Page - Macronix International MX29F100TTA-90 Datasheet HTML 24Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
20
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
AC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V ± 10%(VCC = 5V ± 5% for 29F100T/B-55)
29F100T/B-70
29F100T/B-90 29F100T/B-12
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
CONDITIONS
(Note2)
(Note2)
tACC
Address to Output Delay
70
90
120
ns
CE=OE=VIL
tCE
CE to Output Delay
70
90
120
ns
OE=VIL
tOE
OE to Output Delay
40
40
50
ns
CE=VIL
tDF
OE High to Output Float (Note1)
0
20
0
30
0
30
ns
CE=VIL
tOH
Address to Output hold
0
0
0
ns
CE=OE=VIL
NOTE:
1. tDF is defined as the time at which the output achieves
the open circuit condition and data is no longer driven.
2. Automotive grade is only provided for MX29F100T/B-90
& MX29F100T/B-12
TEST CONDITIONS:
• Input pulse levels: 0.45V/2.4V for 70ns max. ; 0V/3.0V
for 55ns
• Input rise and fall times: < 10ns for 70ns max. ; < 5ns
for 55ns
• Output load: 1 TTL gate + 100pF (Including scope and
jig) for 70ns max. ; 1 TTL gate + 30pF (Including scope
and jig) for 55ns
• Reference levels for measuring timing: 0.8V & 2.0V for
70ns max. ; 1.5V for 55ns
AC CHARACTERISTICS TA = 0oC to 70oC, VCC = 5V ± 5% for MX29F100T/B-55
29F100T/B-55
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
tACC
Address to Output Delay
55
ns
CE=OE=VIL
tCE
CE to Output Delay
55
ns
OE=VIL
tOE
OE to Output Delay
30
ns
CE=VIL
tDF
OE High to Output Float (Note1)
0
20
ns
CE=VIL
tOH
Address to Output hold
0
ns
CE=OE=VIL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn