Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX29F100TTA-90 Datasheet(PDF) 15 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX29F100TTA-90 Datasheet(HTML) 15 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
15
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
-40oC to 125oC
Ambient Temperature with Power
-55oC to 125oC
Applied
Storage Temperature
-65oC to 125oC
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to 7.0V
VCC to Ground Potential
-0.5V to 7.0V
A9 & OE & RESET
-0.5V to 13.5V
NOTICE:
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended period may affect reliability.
NOTICE:
Specifications contained within the following tables are
subject to change.
CAPACITANCE TA = 25oC, f = 1.0 MHz
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
CONDITIONS
CIN1
Input Capacitance
8
pF
VIN = 0V
CIN2
Control Pin Capacitance
12
pF
VIN = 0V
COUT
Output Capacitance
12
pF
VOUT = 0V
SECTOR PROTECTION WITHOUT 12V SYSTEM
The MX29F100T/B also feature a hardware sector
protection method in a system without 12V power suppply.
The programming equipment do not need to supply 12
volts to protect sectors. The details are shown in sector
protect algorithm and waveform.
CHIP UNPROTECT WITHOUT 12V SYSTEM
The MX29F100T/B also feature a hardware chip
unprotection method in a system without 12V power
supply. The programming equipment do not need to
supply 12 volts to unprotect all sectors. The details are
shown in chip unprotect algorithm and waveform.
POWER-UP SEQUENCE
The MX29F100T/B powers up in the Read only mode. In
addition, the memory contents may only be altered after
successful completion of the predefined command
sequences.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn