Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX29F100TTA-90 Datasheet(PDF) 8 Page - Macronix International

Part No. MX29F100TTA-90
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F100TTA-90 Datasheet(HTML) 8 Page - Macronix International

Back Button MX29F100TTA-90 Datasheet HTML 4Page - Macronix International MX29F100TTA-90 Datasheet HTML 5Page - Macronix International MX29F100TTA-90 Datasheet HTML 6Page - Macronix International MX29F100TTA-90 Datasheet HTML 7Page - Macronix International MX29F100TTA-90 Datasheet HTML 8Page - Macronix International MX29F100TTA-90 Datasheet HTML 9Page - Macronix International MX29F100TTA-90 Datasheet HTML 10Page - Macronix International MX29F100TTA-90 Datasheet HTML 11Page - Macronix International MX29F100TTA-90 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
Pins
CE
OE
WE
A0
A1
A6
A9
D0 ~ Q15
Mode
Read Silicon ID
L
L
H
L
L
X
V
ID(2)
C2H(Byte mode)
Manfacturer Code(1)
00C2H(Word mode)
Read Silicon ID
L
L
H
H
L
X
V
ID(2)
D9H/DFH(Byte mode)
Device Code(1)
22D9H/22DFH
(Word mode)
Read
L
L
H
A0
A1
A6
A9
D
OUT
Standby
H
X
X
X
X
X
X
HIGH Z
Output Disable
L
H
H
X
X
X
X
HIGH Z
Write
L
H
L
A0
A1
A6
A9
D
IN(3)
Sector Protect with 12V
L
V
ID(2)
L
X
X
L
V
ID(2)
X
system(6)
Chip Unprotect with 12V
L
V
ID(2)
L
X
X
H
V
ID(2)
X
system(6)
Verify Sector Protect
L
L
H
X
H
X
V
ID(2)
Code(5)
with 12V system
Sector Protect without 12V
L
H
L
X
X
L
H
X
system (6)
Chip Unprotect without 12V
L
H
L
X
X
H
H
X
system (6)
Verify Sector Protect/Unprotect
L
L
H
X
H
X
H
Code(5)
without 12V system (7)
Reset
X
X
X
X
X
X
X
HIGH Z
TABLE 2. MX29F100T/B BUS OPERATION
NOTES:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 1.
2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V.
3. Refer to Table 1 for valid Data-In during a write operation.
4. X can be VIL or VIH.
5. Code=00H/0000H means unprotected.
Code=01H/0001H means protected.
A15~A12=Sector address for sector protect.
6. Refer to sector protect/unprotect algorithm and waveform.
Must issue "unlock for sector protect/unprotect" command before "sector protect/unprotect without 12V system" command.
7. The "verify sector protect/unprotect without 12V sysytem" is only following "Sector protect/unprotect without 12V system"
command.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn