Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29L1611G Datasheet(PDF) 4 Page - Macronix International

Part # MX29L1611G
Description  16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE FLASH EEPROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29L1611G Datasheet(HTML) 4 Page - Macronix International

  MX29L1611G Datasheet HTML 1Page - Macronix International MX29L1611G Datasheet HTML 2Page - Macronix International MX29L1611G Datasheet HTML 3Page - Macronix International MX29L1611G Datasheet HTML 4Page - Macronix International MX29L1611G Datasheet HTML 5Page - Macronix International MX29L1611G Datasheet HTML 6Page - Macronix International MX29L1611G Datasheet HTML 7Page - Macronix International MX29L1611G Datasheet HTML 8Page - Macronix International MX29L1611G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
P/N:PM0604
REV. 0.8, JAN. 24, 2002
MX29L1611G / MX29L1611*
Table1. PIN DESCRIPTIONS
SYMBOL
TYPE
NAME AND FUNCTION
A0 - A19
INPUT
ADDRESS INPUTS: for memory addresses. Addresses are internally latched
during a write cycle.
Q0 - Q7
INPUT/OUTPUT
LOW-BYTE DATA BUS: Input data and commands during Command Interface
Register(CIR) write cycles. Outputs array,status and identifier data in the
appropriate read mode. Floated when the chip is de-selected or the outputs are
disabled.
Q8 - Q14
INPUT/OUTPUT
HIGH-BYTE DATA BUS: Inputs data during x 16 Data-Write operations.
Outputs array, identifier data in the appropriate read mode; not used for status
register reads. Floated when the chip is de-selected or the outputs are disabled
Q15/A -1
INPUT/OUTPUT
Selects between high-byte data INPUT/OUTPUT(BYTE = HIGH) and LSB
ADDRESS(BYTE = LOW) for raed operation.
CE
INPUT
CHIP ENABLE INPUTS: Activate the device's control logic, Input buffers,
decoders and sense amplifiers. With CE high, the device is deselected and
power consumption reduces to Standby level upon completion of any current
program or erase operations. CE must be low to
select the device.
OE
INPUT
OUTPUT ENABLES: Gates the device's data through the output buffers during
a read cycle OE is active low.
BYTE/VPP
INPUT
BYTE ENABLE: While operating read mode, BYTE Low places device in x8
mode. All data is then input or output on Q0-7 and Q8-14 float. AddressQ15/
A-1 selects between the high and low byte. While operating read mode, BYTE
high places the device in x16 mode, and turns off the Q15/A-1 input buffer.
Address A0, then becomes the lowest order address.
ERASE/PROGRAM ENABLE:When BYTE/VPP=11V would place this device
into ERASE/PROGRAM mode.
VCC
DEVICE POWER SUPPLY(3.3V ± 10%)
GND
GROUND


Similar Part No. - MX29L1611G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29L1611 MCNIX-MX29L1611 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29L1611MC-10 MCNIX-MX29L1611MC-10 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29L1611MC-12 MCNIX-MX29L1611MC-12 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29L1611MC-75 MCNIX-MX29L1611MC-75 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29L1611MC-90 MCNIX-MX29L1611MC-90 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
More results

Similar Description - MX29L1611G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX29F1611 ETC1-MX29F1611 Datasheet
161Kb / 36P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
logo
Macronix International
MX29L1611 MCNIX-MX29L1611 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
logo
Alliance Semiconductor ...
AS29LV160 ALSC-AS29LV160 Datasheet
561Kb / 29P
   3W 2M x 8 / 1M x 16 - CMOS Flash EEPROM
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com