Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F100TMC-55 Datasheet(PDF) 22 Page - Macronix International

Part # MX29F100TMC-55
Description  1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F100TMC-55 Datasheet(HTML) 22 Page - Macronix International

Back Button MX29F100TMC-55 Datasheet HTML 18Page - Macronix International MX29F100TMC-55 Datasheet HTML 19Page - Macronix International MX29F100TMC-55 Datasheet HTML 20Page - Macronix International MX29F100TMC-55 Datasheet HTML 21Page - Macronix International MX29F100TMC-55 Datasheet HTML 22Page - Macronix International MX29F100TMC-55 Datasheet HTML 23Page - Macronix International MX29F100TMC-55 Datasheet HTML 24Page - Macronix International MX29F100TMC-55 Datasheet HTML 25Page - Macronix International MX29F100TMC-55 Datasheet HTML 26Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
22
P/N:PM0548
MX29F100T/B
REV. 1.2, NOV. 12, 2001
AC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V ± 10%(VCC = 5V ± 5% for 29F100T/B-55)
29F100T/B-70
29F100T/B-90
29F100T/B-12
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
tOES
OE setup time
0
0
0
ns
tCWC
Command programming cycle
70
90
120
ns
tCEP
WE programming pulse width
45
45
50
ns
tCEPH1
WE programming pluse width High
20
20
20
ns
tCEPH2
WE programming pluse width High
20
20
20
ns
tAS
Address setup time
0
0
0
ns
tAH
Address hold time
45
45
50
ns
tDS
Data setup time
30
45
50
ns
tDH
Data hold time
0
0
0
ns
tCESC
CE setup time before command write
0
0
0
ns
tDF
Output disable time (Note 1)
30
40
40
ns
tAETC
Total erase time in auto chip erase
3(TYP.)
24
3(TYP.)
24
3(TYP.)
24
s
tAETB
Total erase time in auto sector erase
1(TYP.)
8
1(TYP.)
8
1(TYP.)
8
s
tAVT
Total programming time in auto verify
7/12(TYP.)210/360
7/12(TYP.) 210/360
7/12(TYP.)210/360 us
tBAL
Sector address load time
100
100
100
us
tCH
CE Hold Time
0
0
0
ns
tCS
CE setup to WE going low
0
0
0
ns
tVLHT
Voltge Transition Time
4
4
4
us
tOESP
OE Setup Time to WE Active
4
4
4
us
tWPP1
Write pulse width for sector protect
10
10
10
us
tWPP2
Write pulse width for sector unprotect
12
12
12
ms
NOTES:
1. tDF defined as the time at which the output achieves the open circuit condition and data is no longer driven.
2. Automotive grade is only provided for MX29F100T/B-90 & MX29F100T/B-12


Similar Part No. - MX29F100TMC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F1610 MCNIX-MX29F1610 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-10 MCNIX-MX29F1610A-10 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-12 MCNIX-MX29F1610A-12 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-90 MCNIX-MX29F1610A-90 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
More results

Similar Description - MX29F100TMC-55

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
   CMOS IC 1M-bit (128K횞8) Serial Flash Memory
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com