Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G66 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G66
Description  SINGLE BILATRAL ANALOG SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G66 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G66_15 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G66_15 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G66_15 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G66_15 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G66_15 Datasheet HTML 5Page - Unisonic Technologies U74LVC1G66_15 Datasheet HTML 6Page - Unisonic Technologies U74LVC1G66_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G66
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-794.B
SINGLE BILATRAL ANALOG
SWITCH
DESCRIPTION
The U74LVC1G66 is a high-speed CMOS device.
The U74LVC1G66 has two data input/output pins(A and B) and
an active HIGH enable input pin(C) .
The U74LVC1G66 can handle both analog and digital signals.
The signals can be transmitted in either direction when enable pin is
high . The analog switch is off when enable pin is low.
FEATURES
* Operation Voltage Range: 1.65~5.5V
* Low Power Dissipation: ICC=10μA(Max)
* Inputs Accept Voltages to 5.5V
* Max Tpd of 0.8 ns at 3.3V
* High Degree of Linearity
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G66G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G66G-AF5-R
SOT-25
Tape Reel
U74LVC1G66G-AL5-R
SOT-353
Tape Reel
MARKING
3F6G
5
2
4
1
3


Similar Part No. - U74LVC1G66_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G66G-AF5-R UTC-U74LVC1G66G-AF5-R Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
U74LVC1G66G-AL5-R UTC-U74LVC1G66G-AL5-R Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
U74LVC1G66L-AF5-R UTC-U74LVC1G66L-AF5-R Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
U74LVC1G66L-AL5-R UTC-U74LVC1G66L-AL5-R Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
More results

Similar Description - U74LVC1G66_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S66 ROHM-BU4S66 Datasheet
55Kb / 4P
   Single analog switch
BU4S66G2 ROHM-BU4S66G2_15 Datasheet
1Mb / 16P
   Single Analog Switch
logo
Renesas Technology Corp
HD74LVC1G66 RENESAS-HD74LVC1G66 Datasheet
101Kb / 10P
   Single Analog Switch
logo
Rohm
BU4S66G2 ROHM-BU4S66G2 Datasheet
162Kb / 5P
   Single Analog Switch
logo
Texas Instruments
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Leshan Radio Company
L74VHC1G66 LRC-L74VHC1G66 Datasheet
268Kb / 8P
   Single Supply Analog Switch
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com