Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9861QXA20 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9861QXA20
Description  Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9861QXA20 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9861QXA20_15 Datasheet HTML 8Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 9Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 10Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 11Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 12Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 13Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 14Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 15Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
TLE9861QXA20
Device Pinout and Pin Configuration
Data Sheet
12
Rev. 1.0, 2015-04-30
3.2
Pin Configuration
After reset, all pins are configured as input (except supply pin) with one of the following settings:
Pull-up device enabled only (PU)
Pull-down device enabled only (PD)
Input with both pull-up and pull-down devices disabled (I)
Output with output stage deactivated = high impedance state (Hi-Z)
The functions and default states of the TLE9861QXA20 external pins are provided in the following table.
Type: indicates the pin type.
I/O: Input or output
I: Input only
O: Output only
P: Power supply
Not all alternate functions listed.
Table 2
Pin Definitions and Functions
Symbol
Pin Number Type
Reset
State1)
Function
P0
Port 0
Port 0 is a 5-bit bidirectional general purpose I/O port. Alternate
functions can be assigned and are listed in the port description.
Main function is listed below.
P0.0
21
I/O
I/PU
SWD
Serial Wire Debug Clock
P0.1
23
I/O
I/PU
GPIO
General Purpose IO
Alternate function mapping see Table 8
P0.2
25
I/O
I/PD
GPIO
General Purpose IO
Alternate function mapping see Table 8
Note: For a functional SWD connection this
GPIO must be tied to zero!
P0.3
24
I/O
I/PU
GPIO
General Purpose IO
Alternate function mapping see Table 8
P0.4
18
I/O
I/PD
GPIO
General Purpose IO
Alternate function mapping see Table 8
P1
Port 1
Port 1 is a 5-bit bidirectional general purpose I/O port. Alternate
functions can be assigned and are listed in the Port description.
The principal functions are listed below.
P1.0
15
I/O
I
GPIO
General Purpose IO
Alternate function mapping see Table 9
P1.1
16
I/O
I
GPIO
General Purpose IO
Alternate function mapping see Table 9
P1.2
17
I/O
I
GPIO
General Purpose IO
Alternate function mapping see Table 9
P1.3
26
I/O
I
GPIO
General Purpose IO, used for Inrush Transistor
Alternate function mapping see Table 9
P1.4
27
I/O
I
GPIO
General Purpose IO
Alternate function mapping see Table 9


Similar Part No. - TLE9861QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9861QXA20 INFINEON-TLE9861QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
More results

Similar Description - TLE9861QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9861QXA20 INFINEON-TLE9861QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9867QXA20 INFINEON-TLE9867QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9868QXB20 INFINEON-TLE9868QXB20 Datasheet
4Mb / 123P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.1, 2017-06-19
TLE9867QXA20 INFINEON-TLE9867QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9867QXA40 INFINEON-TLE9867QXA40_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9869QXA20 INFINEON-TLE9869QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9867QXA40 INFINEON-TLE9867QXA40_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9869QXA20 INFINEON-TLE9869QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com