Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9861QXA20 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # TLE9861QXA20
Description  Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9861QXA20 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button TLE9861QXA20_15 Datasheet HTML 85Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 86Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 87Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 88Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 89Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 90Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 91Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 92Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
TLE9861QXA20
Electrical Characteristics
Data Sheet
89
Rev. 1.0, 2015-04-30
29.2.3
VDDEXT Voltage Regulator (5.0V) Parameters
Table 24
Electrical Characteristics
V
S = 5.5 V to 28 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ. Max.
Specified output current
I
VDDEXT
0
20
mA
P_2.3.1
Specified output current
I
VDDEXT
0–
40
mA
1)
1) This use case requires the reduced utilization of VDDP output current by 20 mA, see P_2.1.22.
P_2.3.21
Required decoupling capacitance
C
VDDEXT1
0.1
2.2
µF
3) 2)ESR < 1 Ω; the
specified capacitor
value is a typical
value.
2) Ceramic capacitor.
P_2.3.22
Required buffer capacitance for
stability (load jumps)
C
VDDEXT2
1–
2.2
µF
3)2)the specified
capacitor value is a
typical value.
P_2.3.20
Output voltage including line and
load regulation
V
DDEXT
4.9
5.0
5.1
V
3) I
load<20mA; VS >
5.5V
P_2.3.3
Output voltage including line and
load regulation
V
DDEXT
4.8
5.0
5.2
V
I
load<40mA; VS >
5.5V
P_2.3.23
Output drop @ Active Mode
V
S-VDDEXT
50
+300
mV
3) I
load <20mA;
3V <
V
S <5.0V
P_2.3.4
Output drop @ Active Mode
V
S-VDDEXT
+400
mV
I
load <40mA;
3V <
V
S <5.0V
P_2.3.14
Load regulation @ Active Mode
V
DDEXTLOR
-50
50
mV
2 ... 40mA;
C =200nF P_2.3.5
Line regulation @ Active Mode
V
VDDEXTLIR
-50
50
mV
V
S = 5.5 ... 28V
P_2.3.6
Power supply ripple rejection @
Active Mode
P
SSRVDDEXT
50
dB
3) V
S = 13.5V; f =0 ...
1KHz; Vr=2Vpp
3) Not subject to production test, specified by design.
P_2.3.7
Overvoltage detection
V
VDDEXTOV
5.18
5.4
V
V
S > 5.5V
P_2.3.8
Overvoltage detection filter time
t
FILT_VDDEXT
OV
735
µs
3)4)
4) This filter time and its variation is derived from the time base tLP_CLK = 1 / fLP_CLK.
P_2.3.24
Voltage OK detection range
V
VDDEXTOK
–3
V
3)
P_2.3.25
Voltage stable detection range5)
V
VDDEXTST
B
- 220
+ 220 mV
3)
P_2.3.26
Undervoltage trigger
V
VDDEXTUV
2.6
2.8
3.0
V
6)
P_2.3.9
Overcurrent diagnostic
I
VDDEXTOC
50
160
mA
P_2.3.10
Overcurrent diagnostic filter time
t
FILT_VDDCOC –27
µs
3)4)
P_2.3.27
Overcurrent diagnostic shutdown
time
t
FILT_VDDCOC
_SD
290
µs
3)4)
P_2.3.28


Similar Part No. - TLE9861QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9861QXA20 INFINEON-TLE9861QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
More results

Similar Description - TLE9861QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9861QXA20 INFINEON-TLE9861QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9867QXA20 INFINEON-TLE9867QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9868QXB20 INFINEON-TLE9868QXB20 Datasheet
4Mb / 123P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.1, 2017-06-19
TLE9867QXA20 INFINEON-TLE9867QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9867QXA40 INFINEON-TLE9867QXA40_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9869QXA20 INFINEON-TLE9869QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9867QXA40 INFINEON-TLE9867QXA40_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9869QXA20 INFINEON-TLE9869QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com