Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9861QXA20 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # TLE9861QXA20
Description  Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9861QXA20 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button TLE9861QXA20_15 Datasheet HTML 51Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 52Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 53Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 54Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 55Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 56Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 57Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 58Page - Infineon Technologies AG TLE9861QXA20_15 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
Data Sheet
55
Rev. 1.0, 2015-04-30
TLE9861QXA20
Timer2 and Timer21
16
Timer2 and Timer21
16.1
Features
16-bit auto-reload mode
– selectable up or down counting
One channel 16-bit capture mode
16.2
Introduction
The timer modules are general-purpose 16-bit timers. Timer 2/21 can function as a timer or counter in each of its
modes. As a timer, it counts with an input clock of
f
PCLK/12 (if prescaler is disabled). As a counter, Timer 2 counts
1-to-0 transitions on pin T2. In the counter mode, the maximum resolution for the count is
f
PCLK/24 (if prescaler is
disabled).
16.2.1
Timer2 and Timer21 Modes Overview
Table 11
Timer2 and Timer21 Modes
Mode
Description
Auto-reload
Up/Down Count Disabled
Count up only
Start counting from 16-bit reload value, overflow at FFFFH
Reload event configurable for trigger by overflow condition only, or by
negative/positive edge at input pin T2EX as well
Programmable reload value in register RC2
Interrupt is generated with reload events.
Auto-reload
Up/Down Count Enabled
Count up or down, direction determined by level at input pin T2EX
No interrupt is generated
Count up
– Start counting from 16-bit reload value, overflow at FFFFH
– Reload event triggered by overflow condition
– Programmable reload value in register RC2
Count down
– Start counting from FFFFH, underflow at value defined in register RC2
– Reload event triggered by underflow condition
– Reload value fixed at FFFFH
Channel capture
Count up only
Start counting from 0000H, overflow at FFFFH
Reload event triggered by overflow condition
Reload value fixed at 0000H
Capture event triggered by falling/rising edge at pin T2EX
Captured timer value stored in register RC2
Interrupt is generated by reload or capture events


Similar Part No. - TLE9861QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9861QXA20 INFINEON-TLE9861QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
More results

Similar Description - TLE9861QXA20_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9861QXA20 INFINEON-TLE9861QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9867QXA20 INFINEON-TLE9867QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9868QXB20 INFINEON-TLE9868QXB20 Datasheet
4Mb / 123P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.1, 2017-06-19
TLE9867QXA20 INFINEON-TLE9867QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9867QXA40 INFINEON-TLE9867QXA40_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9869QXA20 INFINEON-TLE9869QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9867QXA40 INFINEON-TLE9867QXA40_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
TLE9869QXA20 INFINEON-TLE9869QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with LIN and H-Bridge MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com