Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC182908FV Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PXAC182908FV
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC182908FV Datasheet(HTML) 6 Page - Infineon Technologies AG

  PXAC182908FV_15 Datasheet HTML 1Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 2Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 3Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 4Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 5Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 6Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 7Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 8Page - Infineon Technologies AG PXAC182908FV_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet
6 of 9
Rev. 02.1, 2015-07-29
PXAC182908FV
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PXAC182908FV V1
Test Fixture Part No.
LTA/PXAC182908FV V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66, ƒ = 1805 – 1880 MHz
Find Gerber files for this test fixture on the Infineon Web site at http://www.infineon.com/rfpower
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C105, C110, C111
Capacitor, 18 pF
ATC
ATC100A180JW150XB
C102, C112
Capacitor, 10 µF
Murata
LLL31BC70G106MA01L
C103
Capacitor, 1.5 pF
ATC
ATC100A1R5CW150XB
C104
Capacitor, 3.0 pF
ATC
ATC100A3R0CW150XB
C106
Capacitor, 0.4 pF
ATC
ATC100A0R4CW150XB
C107
Capacitor, 1.0 pF
ATC
ATC100A1R0CW150XB
C108
Capacitor, 0.7 pF
ATC
ATC100A0R7CW150XB
C109
Capacitor, 0.5 pF
ATC
ATC100A0R5CW150XB
C801, C802, C803
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R101, R103
Resistor, 5.1 W
Panasonic Electronic Components
ERJ-8GEYJ5R1V
R102, R104
Resistor, 1K W
Panasonic Electronic Components
ERJ-8GEYJ102V
R105
Resistor, 50 W
Richardson
RICHARDSON
R801
Resistor, 1.3K W
Panasonic Electronic Components
ERJ-3GEYJ132V
R802
Resistor 1.2K W
Panasonic Electronic Components
ERJ-3GEYJ122V
R803, R804, R805
Resistor, 50 W
Panasonic Electronic Components
ERJ-8GEYJ510V
S1
Transistor
Infineon Technologies
BCP56
S2
Voltage regualtor
Texas Instruments
LM78L05ACM
S3, S4
Potentiometer, 2k W
Bourns Inc.
3224W-1-202E
U1
Hybrid coupler
Anaren
X3C19P1-05S
Output
C201, C202, C203, C204,
C205, C206, C207, C208,
C209, C210, C211, C212,
C213, C214, C215, C216,
C217, C218, C219
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C220, C226, C227, C228
Capacitor, 18 pF
ATC
ATC100A180JW150XB
C221
Capacitor, 2.2 pF
ATC
ATC100A2R2CW150XB
C222
Capacitor, 0.3 pF
ATC
ATC100A0R3CW150XB
C223
Capacitor, 1.2 pF
ATC
ATC100A1R2CW150XB
C224
Capacitor, 0.4 pF
ATC
ATC100A0R4CW150XB
C225
Capacitor, 1.1 pF
ATC
ATC100A1R1CW150XB
C229, C230, C231, C232
Capacitor, 220 µF
Panasonic Electronic Components
EEE-FP1V221AP


Similar Part No. - PXAC182908FV_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
More results

Similar Description - PXAC182908FV_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com