Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD45P03-12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD45P03-12
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD45P03-12 Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD45P03-12_15 Datasheet HTML 1Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 2Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 3Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 4Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 5Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 6Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 7Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 8Page - Vishay Siliconix SQD45P03-12_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQD45P03-12
www.vishay.com
Vishay Siliconix
S12-2095-Rev. C, 03-Sep-12
2
Document Number: 65549
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 30 V
-
-
- 1
μA
VGS = 0 V
VDS = - 30 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 30 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 50
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 15 A
-
0.008
0.010
VGS = - 10 V
ID = - 15 A, TJ = 125 °C
-
-
0.015
VGS = - 10 V
ID = - 15 A, TJ = 175 °C
-
-
0.017
VGS = - 4.5 V
ID = - 12 A
-
0.019
0.024
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 17 A
-
34
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 15 V, f = 1 MHz
-
2794
3495
pF
Output Capacitance
Coss
-
616
770
Reverse Transfer Capacitance
Crss
-
470
590
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 15 V, ID = - 45 A
-
55.3
83
nC
Gate-Source Chargec
Qgs
-7.3
-
Gate-Drain Chargec
Qgd
-14
-
Gate Resistance
Rg
f = 1 MHz
1.40
2.86
4.50
Turn-On Delay Timec
td(on)
VDD = - 15 V, RL = 0.33 
ID  - 45 A, VGEN = - 10 V, Rg = 1 
-
11
16.5
ns
Rise Timec
tr
-
11
16.5
Turn-Off Delay Timec
td(off)
-
29
43.5
Fall Timec
tf
-
19
28.5
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 200
A
Forward Voltage
VSD
IF = - 40 A, VGS = 0
-
- 0.9
- 1.5
V


Similar Part No. - SQD45P03-12_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQD45P03-12-GE3 VBSEMI-SQD45P03-12-GE3 Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SQD45P03-12-GE3 VISHAY-SQD45P03-12-GE3 Datasheet
163Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD45P03-12 VISHAY-SQD45P03-12_V01 Datasheet
163Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQD45P03-12_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com