Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4937EY Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQ4937EY
Description  Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4937EY Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQ4937EY_15 Datasheet HTML 3Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 4Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 5Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 6Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 7Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 8Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 9Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 10Page - Vishay Siliconix SQ4937EY_15 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
VISHAY SILICONIX
TrenchFET® Power MOSFETs
Application Note 808
Mounting LITTLE FOOT®, SO-8 Power MOSFETs
Document Number: 70740
www.vishay.com
Revision: 18-Jun-07
1
Wharton McDaniel
Surface-mounted LITTLE FOOT power MOSFETs use
integrated circuit and small-signal packages which have
been been modified to provide the heat transfer capabilities
required by power devices. Leadframe materials and
design, molding compounds, and die attach materials have
been changed, while the footprint of the packages remains
the same.
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/ppg?72286), for the
basis of the pad design for a LITTLE FOOT SO-8 power
MOSFET. In converting this recommended minimum pad
to the pad set for a power MOSFET, designers must make
two connections: an electrical connection and a thermal
connection, to draw heat away from the package.
In the case of the SO-8 package, the thermal connections
are very simple. Pins 5, 6, 7, and 8 are the drain of the
MOSFET for a single MOSFET package and are connected
together. In a dual package, pins 5 and 6 are one drain, and
pins 7 and 8 are the other drain. For a small-signal device or
integrated circuit, typical connections would be made with
traces that are 0.020 inches wide. Since the drain pins serve
the additional function of providing the thermal connection
to the package, this level of connection is inadequate. The
total cross section of the copper may be adequate to carry
the current required for the application, but it presents a
large thermal impedance. Also, heat spreads in a circular
fashion from the heat source. In this case the drain pins are
the heat sources when looking at heat spread on the PC
board.
Figure 1. Single MOSFET SO-8 Pad
Pattern With Copper Spreading
Figure 2. Dual MOSFET SO-8 Pad Pattern
With Copper Spreading
The
minimum
recommended
pad
patterns
for
the
single-MOSFET SO-8 with copper spreading (Figure 1) and
dual-MOSFET SO-8 with copper spreading (Figure 2) show
the starting point for utilizing the board area available for the
heat-spreading copper. To create this pattern, a plane of
copper overlies the drain pins. The copper plane connects
the drain pins electrically, but more importantly provides
planar copper to draw heat from the drain leads and start the
process of spreading the heat so it can be dissipated into the
ambient air. These patterns use all the available area
underneath the body for this purpose.
Since surface-mounted packages are small, and reflow
soldering is the most common way in which these are
affixed to the PC board, “thermal” connections from the
planar copper to the pads have not been used. Even if
additional planar copper area is used, there should be no
problems in the soldering process. The actual solder
connections are defined by the solder mask openings. By
combining the basic footprint with the copper plane on the
drain pins, the solder mask generation occurs automatically.
A final item to keep in mind is the width of the power traces.
The absolute minimum power trace width must be
determined by the amount of current it has to carry. For
thermal reasons, this minimum width should be at least
0.020 inches. The use of wide traces connected to the drain
plane provides a low impedance path for heat to move away
from the device.
0.027
0.69
0.078
1.98
0.2
5.07
0.196
5.0
0.288
7.3
0.050
1.27
0.027
0.69
0.078
1.98
0.2
5.07
0.088
2.25
0.288
7.3
0.050
1.27
0.088
2.25


Similar Part No. - SQ4937EY_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4937EY VISHAY-SQ4937EY_V01 Datasheet
217Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4937EY VISHAY-SQ4937EY_V02 Datasheet
216Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ4937EY_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ941EP VISHAY-SQJ941EP Datasheet
160Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQJ951EP VISHAY-SQJ951EP_15 Datasheet
169Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4953EY VISHAY-SQ4953EY Datasheet
115Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2022
SQ4937EY VISHAY-SQ4937EY_V02 Datasheet
216Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3987EV VISHAY-SQ3987EV_V02 Datasheet
309Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3989EV VISHAY-SQ3989EV_V02 Datasheet
313Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4949EY VISHAY-SQ4949EY_V02 Datasheet
217Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ951EP VISHAY-SQJ951EP Datasheet
178Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4937EY VISHAY-SQ4937EY Datasheet
256Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4949EY VISHAY-SQ4949EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com