Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L6411 Datasheet(PDF) 3 Page - Macronix International

Part # MX23L6411
Description  64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6411 Datasheet(HTML) 3 Page - Macronix International

  MX23L6411 Datasheet HTML 1Page - Macronix International MX23L6411 Datasheet HTML 2Page - Macronix International MX23L6411 Datasheet HTML 3Page - Macronix International MX23L6411 Datasheet HTML 4Page - Macronix International MX23L6411 Datasheet HTML 5Page - Macronix International MX23L6411 Datasheet HTML 6Page - Macronix International MX23L6411 Datasheet HTML 7Page - Macronix International MX23L6411 Datasheet HTML 8Page - Macronix International MX23L6411 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
P/N:PM0407
REV. 3.0, NOV. 22, 2002
MX23L6411
BLOCK DIAGRAM
Address
Buffer
Memory
Array
Page
Buffer
Page
Decoder
Word/
Byte
Output
Buffer
D0
D15/(D7)
A3
A21
A0/(A-1)
A2
CE
BYTE
OE
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Supply Voltage Relative to VSS
VCC
-0.3V to 4.3V
Voltage on any Pin Relative to VSS
VIN
-0.5V to VCC + 2V
Ambient Operating Temperature
Topr
0
°C to 70°C
Storage Temperature
Tstg
-65
°C to 125°C


Similar Part No. - MX23L6411

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Similar Description - MX23L6411

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L12811 MCNIX-MX23L12811 Datasheet
180Kb / 6P
   128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
MX23L12811-1 MCNIX-MX23L12811-1 Datasheet
590Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM WITH PAGE MODE(TSOP PACKAGE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com