Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28227FUBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28227FUBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FUBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28227FUBZ Datasheet HTML 4Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 5Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 6Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 7Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 8Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 9Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 10Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 11Page - Intersil Corporation ISL28227FUBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ISL28127, ISL28227
8
FN6633.7
September 10, 2015
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 3. INPUT NOISE VOLTAGE 0.1Hz to 10Hz
FIGURE 4. INPUT NOISE VOLTAGE SPECTRAL DENSITY
FIGURE 5. INPUT NOISE CURRENT SPECTRAL DENSITY
FIGURE 6. PSRR vs FREQUENCY, VS = ±5V, ±15V
FIGURE 7. CMRR vs FREQUENCY, VS = ±2.25, ±5V, ±15V
FIGURE 8. VOS vs TEMPERATURE vs VSUPPLY
TIME (s)
-60
-40
-20
0
20
60
80
100
0123456
789
10
40
-80
-100
V+ = 38V
RL = 10k
Rg = 10, Rf = 100k
AV = 10,000
CL = 3.5pF
FREQUENCY (Hz)
1
10
100
0.1
1
10
100
1k
10k
100k
VS = ±19V
AV = 1
FREQUENCY (Hz)
1
10
100
0.1
1
10
100
1k
10k
100k
0.1
VS = ±19V
AV = 1
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
20
40
60
80
100
120
-10
10
30
50
70
90
110
130
RL = INF
AV = +1
VS = 1VP-P
CL = 5.25pF
PSRR+ and PSRR- VS = ±15V
PSRR+ and PSRR- VS = ±5V
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
20
40
60
80
100
120
-10
10
30
50
70
90
110
130
RL = INF
AV = +1
VCM = 1VP-P
CL = 5.25pF
VS = ±15V
VS = ±2.25V
VS = ±5V
-100
-50
0
50
100
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5
VS = ±15


Similar Part No. - ISL28227FUBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28227FUBZ INTERSIL-ISL28227FUBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FUBZ INTERSIL-ISL28227FUBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28227FUBZ RENESAS-ISL28227FUBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28227FUBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com