Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL51002CQZ-110 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL51002CQZ-110
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002CQZ-110 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL51002CQZ-110 Datasheet HTML 5Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 6Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 7Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 8Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 9Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 10Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 11Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 12Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
FN6164.3
February 29, 2012
Pin Descriptions
SYMBOL
DESCRIPTION
RIN0, 1, 2
Analog inputs. Red channels. AC couple through 0.1µF. Do not connect if not used.
GIN0, 1, 2
Analog inputs. Green channels. AC couple through 0.1µF. Do not connect if not used.
BIN0, 1, 2
Analog inputs. Blue channels. AC couple through 0.1µF. Do not connect if not used.
VREFRED,
VREFGREEN,
VREFBLUE
Analog inputs. Reference voltage for ADCs. Tie to 1.8V reference voltage (VA1.8 is acceptable if low noise). Decouple with
0.1µF capacitor to GNDA.
SOGIN0, 1, 2
Analog inputs. Sync on Green. Connect to corresponding Green channel video source through a 0.01µF capacitor in
series with a 500
Ω resistor.
HSYNCIN0, 1, 2
Digital high impedance 3.3V inputs with 240mV hysteresis. Connect to corresponding channel's HSYNC source. For 5V
signals divide input with a 1k/1.9k divider. Place the divider as close as possible to the device pin. Place a 50pFcapacitor
in parallel with the 1k resistor to reduce the filtering effect of the divider. Tie to GNDD if not used.
VSYNCIN0, 1, 2
Digital high impedance 3.3V inputs with 240mV hysteresis. Connect to corresponding channel's VSYNC source. For 5V
signals divide input with a 1k/1.9k divider. Place the divider as close as possible to the device pin. Place a 50pF capacitor
in parallel with the 1k resistor to reduce the filtering effect of the divider. Tie to GNDD if not used.
COASTIN
Digital 3.3V input. When this input is high and external COAST is selected, the PLL will coast, ignoring all transitions on
the active channel’s HSYNC/SOG.
CLAMPIN
Digital 3.3V input.When this input is high and external CLAMP is selected, connects the selected channels inputs to the
clamp DAC.
CLOCKINVIN
Digital 3.3V input. When high, changes the pixel sampling phase by 180°. Toggle at frame rate during VSYNC to allow 2x
undersampling to sample odd and even pixels on sequential frames. Tie to DGND if unused.
FBCIN
Digital 3.3V input.Connect to the Fast Blank signal of a SCART connector.
FBCOUT
3.3V digital output. A delayed version of the FBCIN signal, aligned with the digital pixel data.
RESET
Digital 3.3V input, active low, 70k
Ω pull-up to VD. Take low for at least 1µs and then high again to reset the ISL51002. This
pin is not necessary for normal use and may be tied directly to the VD supply.
XTALIN
Analog input. Connect to external 12MHz to 27MHz crystal and load capacitor (see crystal spec for recommended
loading). Typical oscillation amplitude is 1.0VP-P centered around 0.5V.
XTALOUT
Analog output. Connect to external 12MHz to 27MHz crystal and load capacitor (see crystal spec for recommended
loading). Typical oscillation amplitude is 1.0VP-P centered around 0.5V.
XCLKOUT
3.3V digital output. Buffered crystal clock output at fXTAL or fXTAL/2. May be used as system clock for other system
components.
SADDR
Digital 3.3V input. Address = 0x98 (1001100x) when tied low.
Address = 0 x 9A (1001101x) when tied high.
SCL
Digital input, 5V tolerant, 500mV hysteresis. Serial data clock for 2-wire interface.
SDA
Bidirectional Digital I/O, open drain, 5V tolerant. Serial data I/O for 2-wire interface.
EXTCLKIN
Digital 3.3V input. External clock input for AFE.
R[9:0]
3.3V digital output. 10-bit Red channel pixel data.
G[9:0]
3.3V digital output. 10-bit Green channel pixel data.
B[9:0]
3.3V digital output. 10-bit Blue channel pixel data.
DATACLK
3.3V digital output. Data (pixel) clock output.
DATACLK
3.3V digital output. Inverse of DATACLK.
HSOUT
3.3V digital output. HSYNC output aligned with pixel data. Use this output to frame the digital output data. This output is
always purely horizontal sync (without any composite sync signals)
HSYNCOUT
3.3V digital output. Buffered HSYNC (or SOG or CSYNC) output. This is typically used for measuring HSYNC period. This
output will pass composite sync signals and Macrovision signals if present on HSYNCIN or SOGIN.
VSYNCOUT
3.3V digital output. Buffered VSYNC output. For composite sync signals, this output will be asserted for the duration of the
disruption of the normal HSYNC pattern. This is typically used for measuring VSYNC period.
ISL51002


Similar Part No. - ISL51002CQZ-110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002CQZ-110 RENESAS-ISL51002CQZ-110 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

Similar Description - ISL51002CQZ-110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002 INTERSIL-ISL51002_07 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com