Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL45041IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL45041IRZ
Description  TFT-LCD I2C Programmable VCOM Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45041IRZ Datasheet(HTML) 8 Page - Intersil Corporation

  ISL45041IRZ Datasheet HTML 1Page - Intersil Corporation ISL45041IRZ Datasheet HTML 2Page - Intersil Corporation ISL45041IRZ Datasheet HTML 3Page - Intersil Corporation ISL45041IRZ Datasheet HTML 4Page - Intersil Corporation ISL45041IRZ Datasheet HTML 5Page - Intersil Corporation ISL45041IRZ Datasheet HTML 6Page - Intersil Corporation ISL45041IRZ Datasheet HTML 7Page - Intersil Corporation ISL45041IRZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ISL45041
8
FN6189.5
October 30, 2014
Submit Document Feedback
Package Outline Drawing
L8.3x3A
8 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 4, 2/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.20mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
C
0 . 2 REF
0 . 05 MAX.
0 . 02 NOM.
5
3.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
PIN #1
6X 0.65
1.50 ±0.10
8
1
8X 0.30 ± 0.10
6
0.75 ±0.05
SEE DETAIL "X"
0.08
0.10
C
C
C
( 2.90 )
(1.50)
( 8 X 0.30)
( 8X 0.50)
( 2.30)
( 1.95)
2.30 ±0.10
0.10
8X 0.30 ±0.05
A
MC
B
4
2X 1.950
(6x 0.65)
INDEX AREA
PIN 1
Compliant to JEDEC MO-229 WEEC-2 except for the foot length.
7.


Similar Part No. - ISL45041IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
352Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
489Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Renesas Technology Corp
ISL45041IRZ RENESAS-ISL45041IRZ Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041IRZ-T INTERSIL-ISL45041IRZ-T Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results

Similar Description - ISL45041IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Renesas Technology Corp
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
   Programmable TFT VCOM Calibrator with Non-Volatile
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com