Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC36-11CGKWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # SC36-11CGKWA
Description  Low current operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC36-11CGKWA Datasheet(HTML) 4 Page - Kingbright Corporation

  SC36-11CGKWA Datasheet HTML 1Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 2Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 3Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 4Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 5Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAM8465
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301001935
PACKING & LABEL SPECIFICATIONS
SC36-11CGKWA
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - SC36-11CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
183Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
182Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11SRWA KINGBRIGHT-SC36-11SRWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC36-11CGKWA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC39-11CGKWA KINGBRIGHT-SC39-11CGKWA Datasheet
352Kb / 6P
   Low current operation
SA36-11CGKWA KINGBRIGHT-SA36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SA39-11CGKWA KINGBRIGHT-SA39-11CGKWA Datasheet
350Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com