Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN9R8-30MLC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN9R8-30MLC
Description  N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN9R8-30MLC Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN9R8-30MLC_15 Datasheet HTML 1Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 2Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 3Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN9R8-30MLC_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PSMN9R8-30MLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 15 June 2012
5 of 14
NXP Semiconductors
PSMN9R8-30MLC
N-channel 30 V 9.8 m
Ω logic level MOSFET in LFPAK33 using NextPower Technology
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
30
--V
ID =250 µA; VGS =0V; Tj = -55 °C
27
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS =VGS; Tj = 25 °C
1.3
1.64
1.95
V
∆VGS(th)/∆T
gate-source threshold
voltage variation with
temperature
--4
-mV/K
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
--1
µA
VDS =30V; VGS =0V; Tj = 150 °C
-
-
100
µA
IGSS
gate leakage current
VGS =16V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-16 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =15A; Tj =25°C;
see Figure 10
-
10.65
12.4
m
VGS =4.5 V; ID =15A; Tj =150 °C;
see Figure 11; see Figure 10
-
-
21.1
m
VGS =10V; ID =15A; Tj =25°C;
see Figure 10
-8.5
9.8
m
VGS =10V; ID =15A; Tj = 150 °C;
see Figure 11; see Figure 10
-
-
16.75
m
RG
gate resistance
f = 1 MHz
0.9
1.8
3.6
Dynamic characteristics
QG(tot)
total gate charge
ID =15A; VDS =15V; VGS =10V;
see Figure 12; see Figure 13
-
10.9
-
nC
ID =15A; VDS =15V; VGS =4.5 V;
see Figure 12; see Figure 13
-5
-nC
ID =0A; VDS =0V; VGS =10V
-
10
-
nC
QGS
gate-source charge
ID =15A; VDS =15V; VGS =4.5 V;
see Figure 12; see Figure 13
-2
-nC
QGS(th)
pre-threshold
gate-source charge
-1.2
-nC
QGS(th-pl)
post-threshold
gate-source charge
-0.8
-nC
QGD
gate-drain charge
-
1.5
-
nC
VGS(pl)
gate-source plateau
voltage
ID =15A; VDS =15V;
see Figure 12; see Figure 13
-3.1
-V
Ciss
input capacitance
VDS =15V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 14
-
690
-
pF
Coss
output capacitance
-
170
-
pF
Crss
reverse transfer
capacitance
-52
-pF


Similar Part No. - PSMN9R8-30MLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN9R8-30MLC NEXPERIA-PSMN9R8-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
More results

Similar Description - PSMN9R8-30MLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN9R8-30MLC NEXPERIA-PSMN9R8-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC PHILIPS-PSMN3R0-30MLC_15 Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN4R4-30MLC PHILIPS-PSMN4R4-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN2R9-30MLC PHILIPS-PSMN2R9-30MLC_15 Datasheet
406Kb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 2-15 June 2012
logo
Nexperia B.V. All right...
PSMN013-30MLC NEXPERIA-PSMN013-30MLC Datasheet
299Kb / 14P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN4R4-30MLC NEXPERIA-PSMN4R4-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC NXP-PSMN3R0-30MLC Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN013-30MLC PHILIPS-PSMN013-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com