Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN8R5-100ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN8R5-100ES
Description  N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN8R5-100ES Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN8R5-100ES_15 Datasheet HTML 1Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 2Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 3Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 4Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 5Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 6Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 7Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 8Page - NXP Semiconductors PSMN8R5-100ES_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NXP Semiconductors
PSMN8R5-100ES
N-channel 100 V 8.5 mΩ standard level MOSFET in I2PAK
PSMN8R5-100ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
11 October 2012
4 / 14
003aak418
1
10
102
103
10-3
10-2
10-1
1
10
tAL (ms)
IAL
(A)
(1)
(2)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aak419
10-1
1
10
102
103
10-1
1
10
102
103
VDS (V)
ID
(A)
Limit RDSon = VDS / ID
DC
100 µs
10 ms
tp =10 µs
100 ms
1 ms
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
6. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
0.49
0.57
K/W


Similar Part No. - PSMN8R5-100ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R5-100ESF NEXPERIA-PSMN8R5-100ESF Datasheet
255Kb / 13P
   NextPower 100 V, 8.8 m廓 N-channel MOSFET in I2PAK
More results

Similar Description - PSMN8R5-100ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R5-100ES NEXPERIA-PSMN8R5-100ES Datasheet
735Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
PSMN8R5-108ES NEXPERIA-PSMN8R5-108ES Datasheet
355Kb / 15P
   N-channel 108 V 8.5 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN013-100ES NXP-PSMN013-100ES Datasheet
222Kb / 14P
   N-channel 100 V 13.9 m廓 standard level MOSFET in I2PAK
Rev. 02-19 February 2010
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES_15 Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
PSMN8R5-100PS PHILIPS-PSMN8R5-100PS_15 Datasheet
258Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in TO220
17 October 2013
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
logo
NXP Semiconductors
PSMN6R3-120ES PHILIPS-PSMN6R3-120ES_15 Datasheet
258Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in I2PAK
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com