Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R8-120ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN7R8-120ES
Description  N-channel 120 V 7.9 m廓 standard level MOSFET in I2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R8-120ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN7R8-120ES_15 Datasheet HTML 3Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 4Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 9Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 10Page - NXP Semiconductors PSMN7R8-120ES_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
PSMN7R8-120ES
N-channel 120 V 7.9 mΩ standard level MOSFET in I2PAK
PSMN7R8-120ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
18 February 2013
7 / 13
003aak689
0
20
40
60
80
100
120
0
1
2
3
VDS(V)
ID
(A)
VGS(V) =
4.5
5
6
6.5
10
4
8
5.5
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
003aak688
0
10
20
30
40
0
4
8
12
16
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aak686
0
50
100
150
200
0
20
40
60
80
100
ID(A)
gfs
(S)
Fig. 8. Forward transconductance as a function of
drain current; typical values
003aak687
0
20
40
60
80
100
0
1
2
3
4
5
6
VGS(V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 9. Transfer characteristics: drain current as a
function of gate-source voltage; typical values


Similar Part No. - PSMN7R8-120ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R8-120ES NEXPERIA-PSMN7R8-120ES Datasheet
743Kb / 13P
   N-channel 120 V 7.9 m廓 standard level MOSFET in I2PAK
More results

Similar Description - PSMN7R8-120ES_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R8-120ES NEXPERIA-PSMN7R8-120ES Datasheet
743Kb / 13P
   N-channel 120 V 7.9 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN6R3-120ES PHILIPS-PSMN6R3-120ES_15 Datasheet
258Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in I2PAK
8 May 2013
logo
Nexperia B.V. All right...
PSMN6R3-120ES NEXPERIA-PSMN6R3-120ES Datasheet
742Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
PSMN8R5-108ES NEXPERIA-PSMN8R5-108ES Datasheet
355Kb / 15P
   N-channel 108 V 8.5 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN013-100ES NXP-PSMN013-100ES Datasheet
222Kb / 14P
   N-channel 100 V 13.9 m廓 standard level MOSFET in I2PAK
Rev. 02-19 February 2010
logo
Nexperia B.V. All right...
PSMN2R0-60ES NEXPERIA-PSMN2R0-60ES Datasheet
826Kb / 15P
   N-channel 60 V 2.2 m廓 standard level MOSFET in I2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com