Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN7R6-100BSE Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. PSMN7R6-100BSE
Description  N-channel 100 V 7.6 mΩ standard level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R6-100BSE Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PSMN7R6-100BSE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 9Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 10Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 11Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 12Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NXP Semiconductors
PSMN7R6-100BSE
N-channel 100 V 7.6 mΩ standard level MOSFET in D2PAK
PSMN7R6-100BSE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
18 December 2012
13 / 13
13. Contents
1
General description ............................................... 1
2
Features and benefits ............................................1
3
Applications ........................................................... 1
4
Quick reference data ............................................. 1
5
Pinning information ...............................................2
6
Ordering information .............................................2
7
Marking ................................................................... 2
8
Limiting values .......................................................2
9
Thermal characteristics .........................................4
10
Characteristics .......................................................5
11
Package outline ................................................... 10
12
Legal information .................................................11
12.1
Data sheet status ............................................... 11
12.2
Definitions ...........................................................11
12.3
Disclaimers .........................................................11
12.4
Trademarks ........................................................ 12
© NXP B.V. 2012. All rights reserved
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 18 December 2012


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn