Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN7R6-100BSE Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. PSMN7R6-100BSE
Description  N-channel 100 V 7.6 standard level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R6-100BSE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN7R6-100BSE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 9Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 10Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 11Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 12Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
PSMN7R6-100BSE
N-channel 100 V 7.6 mΩ standard level MOSFET in D2PAK
PSMN7R6-100BSE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
18 December 2012
10 / 13
11. Package outline
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
A1
D1
D
max.
E
e
Lp
HD
Q
c
2.54
2.60
2.20
15.80
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
1
3
2
mounting
base
05-02-11
06-03-16
Fig. 18. Package outline D2PAK (SOT404)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn