Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN7R6-100BSE Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PSMN7R6-100BSE
Description  N-channel 100 V 7.6 standard level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R6-100BSE Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN7R6-100BSE_15 Datasheet HTML 1Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 2Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 3Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 4Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
PSMN7R6-100BSE
N-channel 100 V 7.6 mΩ standard level MOSFET in D2PAK
PSMN7R6-100BSE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
18 December 2012
5 / 13
003aak747
10-6
10-5
10-4
10-3
10-2
10-1
1
10-3
10-2
10-1
1
tp (s)
Zth(j-mb)
Zth(j-mb)
(K/W)
(K/W)
P
t
tp
T
tp
δ = T
single shot
single shot
δ = 0.5
δ = 0.5
0.2
0.2
0.1
0.1
0.05
0.05
0.02
0.02
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 250 µA; VGS = 0 V; Tj = 25 °C
100
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = -55 °C
90
-
-
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 10; Fig. 11
2
3
4
V
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 11
1
-
-
V
VGSth
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 11
-
-
4.6
V
VDS = 100 V; VGS = 0 V; Tj = 25 °C
-
0.1
2
µA
IDSS
drain leakage current
VDS = 100 V; VGS = 0 V; Tj = 175 °C
-
-
500
µA
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
10
100
nA
IGSS
gate leakage current
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
10
100
nA
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 12
-
6.5
7.6
VGS = 10 V; ID = 25 A; Tj = 100 °C;
Fig. 12; Fig. 13
-
-
13.7
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 175 °C;
Fig. 12; Fig. 13
-
-
20.5
RG
gate resistance
f = 1 MHz
0.42
0.83
1.66
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn