Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN7R6-100BSE Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PSMN7R6-100BSE
Description  N-channel 100 V 7.6 standard level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R6-100BSE Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN7R6-100BSE_15 Datasheet HTML 1Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 2Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 3Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 4Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R6-100BSE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
PSMN7R6-100BSE
N-channel 100 V 7.6 mΩ standard level MOSFET in D2PAK
PSMN7R6-100BSE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
18 December 2012
4 / 13
003aak745
10-3
10-2
10-1
1
10
1
10
102
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
Fig. 3. Single pulse avalanche rating; avalanche current as a function of avalanche time
003aak746
1
10
102
103
10-1
1
10
102
103
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 us
100 us
tp = 10 us
tp = 10 us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
0.42
0.51
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
Minimum footprint; mounted on a
printed circuit board
-
50
-
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn