Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66327 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66327
Description  7.5 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66327 Datasheet(HTML) 1 Page - Micropac Industries

  66327 Datasheet HTML 1Page - Micropac Industries 66327 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E. Walnut Street, Garland, TX 75040  (972) 272-3571  Fax (972) 487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66327
7.5 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
OPTOELECTRONIC PRODUCTS
DIVISION
09/18/2009
Features:
TTL and CMOS compatible
7.5 kVdc Isolation
2 MHz Bandwidth typical
Integral Detector Die Faraday Shield for improved
Common Mode Rejection
Applications:
High Voltage Isolation
Voltage Level Shifting
Isolated Receiver Input
Switching power supplies
Medical systems
DESCRIPTION
The 66327 high voltage isolator consists of an 850 nm LED optically coupled to a photodiode driven detector. The isolator
provides high isolation and fast switching speeds over the specified temperature range of -40ºC to +100ºC.The isolator is built
with hermetic components internally optically coupled and encased in a high temperature outer PPS plastic housing.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Isolation Voltage (Input to Output) (Note 2)...................................................................................................................... 7.5 kVdc
Operating Free-Air Temperature Range ..............................................................................................................-40°C to +100°C
Storage Temperature............................................................................................................................................-40°C to +100°C
Lead Solder Temperature (10 second, 1.6 mm from case) (Note 1)................................................................................... 260°C
LED:
Peak Forward Input Current (2
s duration).......................................................................................................................300 mA
Average Forward Input Current ...........................................................................................................................................20 mA
Reverse Input Voltage ...........................................................................................................................................................3.0 V
Input Power Dissipation ..................................................................................................................................................... 40 mW
Output IC:
Supply voltage - VCC ................................................................................................................................................................20 V
Output Current - IO ................................................................................................................................................................20 mA
Output Power Dissipation .................................................................................................................................................. 50 mW
Output Voltage - VO ................................................................................................................................................................20 V
Package Dimensions
Schematic Diagram
PIN
FUNCTION
1
ANODE
2
CATHODE
3
GND
4
OUTPUT
5
Vcc
PIN 1
ANODE IDENTIFIER
0.280
0.750
0.475
0.500
0.125±0.020
0.075
0.600±0.010
Ø0.020 TYP.
2
1
0.090
0.100
3
4
0.065
0.075
5
0.075
0.050 x 45°
LED END
SHIELD
3 GND
4 OUTPUT
5 Vcc
ANODE 1
CATHODE 2
ALL DIMENSIONS ARE IN INCHES UNLESS OTHERWISE SPECIFIED


Similar Part No. - 66327

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66320 MICROPAC-66320 Datasheet
119Kb / 2P
   15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66321 MICROPAC-66321 Datasheet
103Kb / 2P
   25 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66322 MICROPAC-66322 Datasheet
119Kb / 2P
   35 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66323 MICROPAC-66323 Datasheet
145Kb / 2P
   7.5 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66324 MICROPAC-66324 Datasheet
127Kb / 2P
   15 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
More results

Similar Description - 66327

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66330 MICROPAC-66330 Datasheet
113Kb / 2P
   35 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
66328 MICROPAC-66328 Datasheet
113Kb / 2P
   15 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
66329 MICROPAC-66329 Datasheet
112Kb / 2P
   25 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
66319 MICROPAC-66319 Datasheet
105Kb / 2P
   7.5 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66323 MICROPAC-66323 Datasheet
145Kb / 2P
   7.5 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66311 MICROPAC-66311 Datasheet
134Kb / 2P
   7.5 kv HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66322 MICROPAC-66322 Datasheet
119Kb / 2P
   35 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66321 MICROPAC-66321 Datasheet
103Kb / 2P
   25 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66320 MICROPAC-66320 Datasheet
119Kb / 2P
   15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66325 MICROPAC-66325 Datasheet
124Kb / 2P
   25 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com