Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R9-25MLC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN3R9-25MLC
Description  N-channel 25 V 4.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R9-25MLC Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN3R9-25MLC_15 Datasheet HTML 1Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 2Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 3Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PSMN3R9-25MLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 15 June 2012
3 of 14
NXP Semiconductors
PSMN3R9-25MLC
N-channel 25 V 4.15 m
Ω logic level MOSFET in LFPAK33 using NextPower Technology
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Fig 3.
Single pulse avalanche rating; avalanche current as a function of avalanche time
003aaj777
0
20
40
60
80
100
0
50
100
150
200
T
mb(°C)
I
D
(A)
(1)
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0
003aaj778
1
10
10
2
10
-3
10
-2
10
-1
1
10
t
AL(ms)
I
AL
(A)
(1)
(2)


Similar Part No. - PSMN3R9-25MLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-25MLC PHILIPS-PSMN3R9-25MLC Datasheet
370Kb / 14P
   N-channel 25 V 4.15 m logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
More results

Similar Description - PSMN3R9-25MLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-25MLC PHILIPS-PSMN3R9-25MLC Datasheet
370Kb / 14P
   N-channel 25 V 4.15 m logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
logo
NXP Semiconductors
PSMN9R0-25MLC PHILIPS-PSMN9R0-25MLC_15 Datasheet
370Kb / 14P
   N-channel 25 V 8.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
logo
Nexperia B.V. All right...
PSMN2R8-25MLC NEXPERIA-PSMN2R8-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 2.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC PHILIPS-PSMN3R0-30MLC_15 Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN4R4-30MLC PHILIPS-PSMN4R4-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN9R8-30MLC PHILIPS-PSMN9R8-30MLC_15 Datasheet
371Kb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN2R9-30MLC PHILIPS-PSMN2R9-30MLC_15 Datasheet
406Kb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 2-15 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com