Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R9-25MLC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN3R9-25MLC
Description  N-channel 25 V 4.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R9-25MLC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN3R9-25MLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 11Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PSMN3R9-25MLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 15 June 2012
8 of 14
NXP Semiconductors
PSMN3R9-25MLC
N-channel 25 V 4.15 m
Ω logic level MOSFET in LFPAK33 using NextPower Technology
Fig 12. Gate charge waveform definitions
Fig 13. Gate-source voltage as a function of gate
charge; typical values
Fig 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 15. Source current as a function of source-drain
voltage; typical values
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aaj789
0
2
4
6
8
10
0
5
10
15
20
25
Q
G
(nC)
V
GS
(V)
V
DS=
20 V
5 V
12.5 V
003aaj790
10
10
2
10
3
10
4
10
-1
1
10
10
2
V
DS(V)
C
(pF)
Ciss
Crss
Coss
003aaj791
0
20
40
60
80
0
0.3
0.6
0.9
1.2
V
SD(V)
I
S
(A)
Tj = 25
°C
Tj = 150
°C


Similar Part No. - PSMN3R9-25MLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-25MLC PHILIPS-PSMN3R9-25MLC Datasheet
370Kb / 14P
   N-channel 25 V 4.15 m logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
More results

Similar Description - PSMN3R9-25MLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-25MLC PHILIPS-PSMN3R9-25MLC Datasheet
370Kb / 14P
   N-channel 25 V 4.15 m logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
logo
NXP Semiconductors
PSMN9R0-25MLC PHILIPS-PSMN9R0-25MLC_15 Datasheet
370Kb / 14P
   N-channel 25 V 8.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
logo
Nexperia B.V. All right...
PSMN2R8-25MLC NEXPERIA-PSMN2R8-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 2.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC PHILIPS-PSMN3R0-30MLC_15 Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN4R4-30MLC PHILIPS-PSMN4R4-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN9R8-30MLC PHILIPS-PSMN9R8-30MLC_15 Datasheet
371Kb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN2R9-30MLC PHILIPS-PSMN2R9-30MLC_15 Datasheet
406Kb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 2-15 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com