Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

66320 Datasheet(PDF) 2 Page - Micropac Industries

Part No. 66320
Description  15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROPAC [Micropac Industries]
Homepage  http://www.micropac.com
Logo 

66320 Datasheet(HTML) 2 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E. Walnut Street, Garland, TX 75040  (972) 272-3571  Fax (972) 487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66320
15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
09/18/2009
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input LED
Input Forward Voltage
VF
1.3
1.6
V
IF = 20 mA
Reverse Current
IR
100
µA
VR = 3.0 V
Output IC
High Level Output Current
IOH
0.25
15
µA
VCC = 5.25 V, VOH = 18 V,
IF = 0 mA
Low Level Output Voltage
VOL
0.40
0.5
V
VCC = 4.5 V, IF = 10 mA
IOL (Sinking) = 8.0 mA
High Level Supply Current
ICCH
2.5
7
mA
VCC = 5.25V, IF = 0 mA
Low Level Supply Current
ICCL
6
10
mA
VCC = 5.25 V, IF = 10 mA
Coupled Characteristics (VCC = 5 V)
Coupling Capacitance
CI—O
2.0
pF
Input and Output leads
shorted
Propagation Delay Time To High
Output Level
tPLH
55
100
ns
VCC = 5 V, RL = 560 ,
IF = 10 mA, CL = 15 pF
Propagation Delay Time To Low Output
Level
tPHL
55
200
ns
VCC = 5 V, RL = 560 ,
IF = 10 mA, CL = 15 pF
Difference in Propagation Delays
tPHL - tPLH
100
ns
Input
– Output Isolation Voltage
VI-O
15,000
V
II-O = 25 A
2
LED Positive going Threshold Current
IF+
0.9
4.0
10.0
mA
VCC = 5.0 V, IOL = 8.0 mA
NOTES:
1) The duration can be extended to 10 seconds maximum when flow soldering. Otherwise 5 seconds with soldering iron.
2) Device considered a two terminal device with all Input pins (Anode and Cathode) shorted together and all Output pins (VCC, GND and Output) shorted together.
SELECTION GUIDE
PART #
PART DESCRIPTION
66320-001
Commercial
66320-101
Screened


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn