Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R5-30BLE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN1R5-30BLE
Description  N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R5-30BLE Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN1R5-30BLE_15 Datasheet HTML 1Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 2Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 3Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 4Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN1R5-30BLE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
PSMN1R5-30BLE
N-channel 30 V 1.5 mΩ logic level MOSFET in D2PAK
PSMN1R5-30BLE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
12 October 2012
5 / 13
003aaj353
single shot
0.2
0.1
0.05
10-3
10-2
10-1
1
10-6
10-5
10-4
10-3
10-2
10-1
1
tp (s)
Zth(j-mb)
(K/W)
δ = 0.5
0.02
tp
T
P
t
tp
T
δ =
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 250 µA; VGS = 0 V; Tj = -55 °C
27
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
30
-
-
V
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 10
0.5
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 11; Fig. 10
1.3
1.7
2.15
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 10
-
-
2.45
V
VDS = 30 V; VGS = 0 V; Tj = 25 °C
-
0.5
10
µA
IDSS
drain leakage current
VDS = 30 V; VGS = 0 V; Tj = 100 °C
-
-
200
µA
VGS = 16 V; VDS = 0 V; Tj = 25 °C
-
10
100
nA
IGSS
gate leakage current
VGS = -16 V; VDS = 0 V; Tj = 25 °C
-
10
100
nA
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 12
-
1.3
1.5
VGS = 10 V; ID = 25 A; Tj = 100 °C;
Fig. 12; Fig. 13
-
-
2.1
VGS = 4.5 V; ID = 25 A; Tj = 25 °C;
Fig. 12
-
1.7
1.85
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 175 °C;
Fig. 12; Fig. 13
-
-
2.9


Similar Part No. - PSMN1R5-30BLE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R5-30BLE NEXPERIA-PSMN1R5-30BLE Datasheet
737Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
logo
Inchange Semiconductor ...
PSMN1R5-30BLE ISC-PSMN1R5-30BLE Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - PSMN1R5-30BLE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R5-30BLE NEXPERIA-PSMN1R5-30BLE Datasheet
737Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN3R4-30BLE PHILIPS-PSMN3R4-30BLE_15 Datasheet
230Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
12 October 2012
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BL NEXPERIA-PSMN3R4-30BL Datasheet
814Kb / 15P
   N-channel 30 V 3.3 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMNR90-30BL PHILIPS-PSMNR90-30BL_15 Datasheet
282Kb / 13P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
2 April 2014
PSMNR90-30BL NXP-PSMNR90-30BL Datasheet
237Kb / 14P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com